Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM6680A Datasheet(PDF) 32 Page - STMicroelectronics

Part # PM6680A
Description  Dual synchronous step-down controller with adjustable output voltages plus LDO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button PM6680A Datasheet HTML 28Page - STMicroelectronics PM6680A Datasheet HTML 29Page - STMicroelectronics PM6680A Datasheet HTML 30Page - STMicroelectronics PM6680A Datasheet HTML 31Page - STMicroelectronics PM6680A Datasheet HTML 32Page - STMicroelectronics PM6680A Datasheet HTML 33Page - STMicroelectronics PM6680A Datasheet HTML 34Page - STMicroelectronics PM6680A Datasheet HTML 35Page - STMicroelectronics PM6680A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Design guidelines
PM6680A
32/48
9.4
Input capacitors selection
In a buck topology converter the current that flows into the input capacitor is a pulsed current
with zero average value. The input RMS current of the two switching sections can be roughly
estimated as follows:
Equation 17
Where D1, D2 are the duty cycles and I1, I2 are the maximum load currents of the two
sections.
Input capacitor should be chosen with an RMS rated current higher than the maximum RMS
current given by both sections.
Tantalum capacitors are good in term of low ESR and small size, but they occasionally can
burn out if subjected to very high current during the charge. Ceramic capacitors have
usually a higher RMS current rating with smaller size and they remain the best choice.
Below there is a list of some ceramic capacitor manufacturers.
Table 11.
Output capacitor manufacturer
Manufacturer
Series
Capacitor value
(uF)
Rated voltage (V)
ESR max (m
Ω)
SANYO
POSCAP TPB, TPD,
TPE
100 to 470
2.5 to 6.3
12 to 65
PANASONIC
SPCAP UD, UE
100 to 470
2 to 6.3
7 to 18
Table 12.
Input capacitor manufacturer
Manufacturer
Series
Capacitor value (uF)
Rated voltage (V)
TAYIO YUDEN
UMK325BJ106KM-T
10
50
TAYIO YUDEN
GMK325BJ106MN
10
35
)
D
1
(
I
D
)
D
1
(
I
D
I
2
2
2
2
1
2
1
1
CinRMS
−
×
×
+
−
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com