Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4730 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4730
Description  Ostar Observation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4730 Datasheet(HTML) 6 Page - OSRAM GmbH

  SFH4730 Datasheet HTML 1Page - OSRAM GmbH SFH4730 Datasheet HTML 2Page - OSRAM GmbH SFH4730 Datasheet HTML 3Page - OSRAM GmbH SFH4730 Datasheet HTML 4Page - OSRAM GmbH SFH4730 Datasheet HTML 5Page - OSRAM GmbH SFH4730 Datasheet HTML 6Page - OSRAM GmbH SFH4730 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2007-08-13
6
SFH 4730, SFH 4740
SMD NTC Thermistor mit Nickel Barrier Termination, Typ 0603
SMD NTC Thermistor with Nickel Barrier Termination, Type 0603
No. of R/T
characteristics
R
25
[
Ω]
B
25/50
[K]
B
25/85
[K]
B
25/100
[K]
EPCOS 8502 / A01
10k ± 5%
3940
3980
4000
-60
˚C
T
R
Ω
OHL02893
NTC
-20
20
60
100
160
2
10
10
3
5
5
4
10
10
5
5
6
10
Typische Thermistor Kennlinie
Typical Thermistor Graph
(www.epcos.com)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com