Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4730 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4730
Description  Ostar Observation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4730 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4730 Datasheet HTML 1Page - OSRAM GmbH SFH4730 Datasheet HTML 2Page - OSRAM GmbH SFH4730 Datasheet HTML 3Page - OSRAM GmbH SFH4730 Datasheet HTML 4Page - OSRAM GmbH SFH4730 Datasheet HTML 5Page - OSRAM GmbH SFH4730 Datasheet HTML 6Page - OSRAM GmbH SFH4730 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 4730, SFH 4740
Ostar Observation
Lead (Pb) Free Product - RoHS Compliant
SFH 4730
SFH 4740
2007-08-13
1
SFH 4740
SFH 4730
• Schwarzer Rahmen zur Streulichtminimierung
•3 W optische Leistung
SFH 4740
• Weißer Rahmen für hohe Lichtleistung
•3.6 W optische Leistung
Wesentliche Merkmale
• Aktive Chipfläche 2.1 x 5.4 mm
2
• max. Gleichstrom 1 A
• niedriger Wärmewiderstand (2.8 K/W)
• Emissionswellenlänge 850 nm
• ESD-sicher bis 2 kV nach JESD22-A114-B
• Augensicherheitsrichtlinien der IEC-Normen
60825-1 und 62471 müssen beachtet werden.
Anwendungen
• Infrarotbeleuchtung für CMOS Kameras
• Überwachungssysteme
• IR-Datenübertragung
• Fahrer-Assistenz Systeme
Typ
Type
Bestellnummer
Ordering Code
Strahlstärke
1) (I
F = 1A, tp = 20 ms)
Radiant intensity
1)
Ι
e (mW/sr)
1)
gemessen bei einem Raumwinkel
Ω = 0.01 sr / measured at a solid angle of Ω = 0.01 sr.
SFH 4730
Q65110A5452
typ.1000
SFH 4740
Q65110A6190
typ.1200
SFH 4730
• Black frame to minimize scattered light
•3 W optical power
SFH 4740
• White frame to achieve high optical power
•3.6 W optical power
Features
• Active chip area 2.1 x 5.4 mm
2
• max. DC-current 1 A
• Low thermal resistance (2.8 K/W)
• Spectral emission at 850 nm
• ESD save up to 2 kV acc. to JESD22-A114-B
• Eye safety precautions given in IEC 60825-1
and IEC 62471 have to be followed.
Applications
• Infrared Illumination for CMOS cameras
• Surveillance systems
• IR Data Transmission
• Driver assistance systems


Similar Part No. - SFH4730

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4730 OSRAM-SFH4730 Datasheet
181Kb / 8P
OSRAM OSTAR Observation (850nm)
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
OSRAM OSTAR Observation (850nm)
More results

Similar Description - SFH4730

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6641 AD-AD6641 Datasheet
653Kb / 28P
250 MHz Bandwidth DPD Observation Receiver
REV. 0
logo
OSRAM GmbH
SFH4730 OSRAM-SFH4730_12 Datasheet
181Kb / 8P
OSRAM OSTAR Observation (850nm)
SFH4761 OSRAM-SFH4761 Datasheet
220Kb / 10P
OSRAM OSTAR Observation (850nm)
LEACWUWVS2W OSRAM-LEACWUWVS2W Datasheet
1Mb / 23P
OSRAM OSTAR Medical
LERTDCYS2WN OSRAM-LERTDCYS2WN_18 Datasheet
2Mb / 25P
OSRAM OSTAR Stage
LERTDUWS2WN OSRAM-LERTDUWS2WN_18 Datasheet
1Mb / 25P
OSRAM OSTAR Stage
LERTDUWS2WP OSRAM-LERTDUWS2WP Datasheet
1Mb / 24P
OSRAM OSTAR Stage
LERTDUWS2W OSRAM-LERTDUWS2W Datasheet
983Kb / 23P
OSRAM OSTAR Stage
SFH-4730 OSRAM-SFH-4730 Datasheet
229Kb / 7P
Ostar Observation
logo
Vaisala
NM10 VAISALA-NM10 Datasheet
5Mb / 4P
Observation Network Manager NM10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com