Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWW5SN Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LWW5SN
Description  Platinum DRAGON짰 white with Chip Level Conversion (CLC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWW5SN Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LWW5SN Datasheet HTML 7Page - OSRAM GmbH LWW5SN Datasheet HTML 8Page - OSRAM GmbH LWW5SN Datasheet HTML 9Page - OSRAM GmbH LWW5SN Datasheet HTML 10Page - OSRAM GmbH LWW5SN Datasheet HTML 11Page - OSRAM GmbH LWW5SN Datasheet HTML 12Page - OSRAM GmbH LWW5SN Datasheet HTML 13Page - OSRAM GmbH LWW5SN Datasheet HTML 14Page - OSRAM GmbH LWW5SN Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LW W5SN
2007-08-16
11
Maßzeichnung
8) Seite 18
Package Outlines
8) page 18
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
200 mg
Gurtung / Polarität und Lage
8) Seite 18
Verpackungseinheit 800/Rolle, ø180 mm
Method of Taping / Polarity and Orientation
8) page 18
Packing unit 800/reel, ø180 mm
GPLY6147
6.2 (0.244)
5.8 (0.228)
1.9 (0.075)
1.7 (0.067)
Cathode
(R0.85 (0.033))
0...0.1 (0.004)
0.29 (0.011)
0.24 (0.009)
1.1 (0.043)
0.9 (0.035)
1.6 (0.063)
2.0 (0.079)
ø0.81 (0.031)
4.25 (0.167)
ø0.73 (0.028)
4.15 (0.163)
Heat sink
C
A
Protection
Diode
0.65 (0.026)
0.45 (0.018)
OHAY0508
1.55 (0.061)
2 (0.079)
4 (0.157)
6.35 (0.250)
8 (0.315)
0.3 (0.012)
0.3 (0.012)
1.9 (0.075)
Cathode/Collector Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com