Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWW5SN Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LWW5SN
Description  Platinum DRAGON짰 white with Chip Level Conversion (CLC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWW5SN Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LWW5SN Datasheet HTML 2Page - OSRAM GmbH LWW5SN Datasheet HTML 3Page - OSRAM GmbH LWW5SN Datasheet HTML 4Page - OSRAM GmbH LWW5SN Datasheet HTML 5Page - OSRAM GmbH LWW5SN Datasheet HTML 6Page - OSRAM GmbH LWW5SN Datasheet HTML 7Page - OSRAM GmbH LWW5SN Datasheet HTML 8Page - OSRAM GmbH LWW5SN Datasheet HTML 9Page - OSRAM GmbH LWW5SN Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2007-08-16
6
LW W5SN
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: JZ-6K
Example: JZ-6K
Helligkeits-Gruppierungsschema
Brightness Groups
Helligkeitsgruppe
Brightness Group
Lichtstrom
1) Seite 18
Luminous Flux
1) page 18
Φ
V (mlm)
Lichtstärke
2) Seite 18
Luminous Intensity
2) page 18
I
V (mcd)
JY
JZ
KX
KY
KZ
52000 ... 61000
61000 ... 71000
71000 ... 82000
82000 ... 97000
97000 ... 112000
18000 (typ.)
22000 (typ.)
25500 (typ.)
30000 (typ.)
35000 (typ.)
Anm.: Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe. Diese besteht aus
5 Helligkeitsgruppen. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note: The standard shipping format for serial types includes a family group of 5 individual brightness
groups. Individual brightness groups cannot be ordered.
Helligkeitsgruppe
Brightness Group
Farbortgruppe
Chromaticity Coordinate Group
JZ
6K
Anm.: In einer Verpackungseinheit / Gurt ist immer nur eine Helligkeitsgruppe enthalten.
Note: No packing unit / tape ever contains more than one brightness group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com