Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWW5SN Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWW5SN
Description  Platinum DRAGON짰 warm white with Chip Level Conversion (CLC)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWW5SN Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWW5SN Datasheet HTML 3Page - OSRAM GmbH LCWW5SN Datasheet HTML 4Page - OSRAM GmbH LCWW5SN Datasheet HTML 5Page - OSRAM GmbH LCWW5SN Datasheet HTML 6Page - OSRAM GmbH LCWW5SN Datasheet HTML 7Page - OSRAM GmbH LCWW5SN Datasheet HTML 8Page - OSRAM GmbH LCWW5SN Datasheet HTML 9Page - OSRAM GmbH LCWW5SN Datasheet HTML 10Page - OSRAM GmbH LCWW5SN Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LCW W5SN
2007-08-16
7
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: JZ-6K
Example: JZ-6K
Helligkeits-Gruppierungsschema
Brightness Groups
Helligkeitsgruppe
Brightness Group
Lichtstrom
1) Seite 19
Luminous Flux
1) page 19
Φ
V (mlm)
Lichtstärke
2) Seite 19
Luminous Intensity
2) page 19
I
V (mcd)
HZ
JX
JY
JZ
KX
KY
39000 ... 45000
45000 ... 52000
52000 ... 61000
61000 ... 71000
71000 ... 82000
82000 ... 97000
14000 (typ.)
16000 (typ.)
18000 (typ.)
22000 (typ.)
25500 (typ.)
30000 (typ.)
Anm.: Die Standardlieferform von Serientypen beinhaltet eine Familiengruppe. Diese besteht aus
5 Helligkeitsgruppen. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note: The standard shipping format for serial types includes a family group of 5 individual brightness
groups. Individual brightness groups cannot be ordered.
Helligkeitsgruppe
Brightness Group
Farbortgruppe
Chromaticity Coordinate Group
JZ
6K
Anm.: In einer Verpackungseinheit / Gurt ist immer nur eine Helligkeitsgruppe enthalten.
Note: No packing unit / tape ever contains more than one brightness group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com