Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLG81-P Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLLG81-P
Description  Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLG81-P Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLLG81-P Datasheet HTML 1Page - OSRAM GmbH SPLLG81-P Datasheet HTML 2Page - OSRAM GmbH SPLLG81-P Datasheet HTML 3Page - OSRAM GmbH SPLLG81-P Datasheet HTML 4Page - OSRAM GmbH SPLLG81-P Datasheet HTML 5Page - OSRAM GmbH SPLLG81-P Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2007-10-24
2
SPL LG81-P
Typ
Type
Wellenlänge
1)
Wavelength
1)
Bestellnummer
Ordering Code
SPL LG81-P
808 nm
Q65110A5307
1)
Andere Wellenlängen sind auf Anfrage erhältlich.
Other wavelengths are available on request.
Grenzwerte (20
° C heat sink temperature)
Maximum Ratings
Parameter
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
min.
max.
Ausgangsleistung
1)
Output power
1)
1)
Kurzzeitiger Betrieb. Der Betrieb bei den Grenzwerten beeinflußt die Lebensdauer.
Short time operation. The operation at the maximum ratings influences the lifetime.
P
opt
20
W
Spitzen-Ausgangsleistung (quasi-continous
wave,
t
p ≤200 µs, duty cycle ≤20%)
1)
Peak output power(quasi-continous wave,
t
p ≤200
µs, duty cycle
≤20%)1)
P
qcw
50
W
Betriebstemperatur
2)1)
Operating temperature
2)1)
T
op
+ 10
+ 50
° C
Lagertemperatur
2)1)
Storage temperature
2)1)
2)
Betauung des Moduls muss ausgeschlossen werden.
Bedewing of the module has to be excluded.
T
stg
- 40
+ 85
° C
Löttemperatur (
t
max = 10 s)
Soldering temperature (
t
max = 10 s)
T
s
+ 260
° C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com