Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0413/04S/PC Datasheet(PDF) 2 Page - Bulgin Limited. All rights reserved.

Part # PX0413/04S/PC
Description  400 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0413/04S/PC Datasheet(HTML) 2 Page - Bulgin Limited. All rights reserved.

  PX0413/04S/PC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Buccaneer for Power 34
BUCCANEER FOR POWER
400 Series Buccaneer
Flex Cable Connector
PX0410
Mates with Flex In-line or
Panel mounting versions
PX0401, PX0411, PX0412 &
PX0413
Pin or socket
2, 3, 4, 6, 8, 10 or 12 pole
Screw locking ring
Contacts supplied separately
Inline Flex Cable Connector
PX0411
Mates with Flex Cable
connectors PX0400, PX0402 &
PX0410
Pin or socket
2, 3, 4, 6, 8, 10 or 12 pole
For in-line cable connection
Contacts supplied separately
Pre Wired Flex Cable Connector
PX0400
Overmoulded Flex connector
for pre-wired cable assemblies
Pin or socket
Cable range 2.5 -9.0mm o/d
2, 3, 4, 6, 8, 10 or 12 pole
Mates with PX0401 & PX0411
Flex In-Line connectors and
PX0412 & PX0413 panel
mounting connectors
Pre Wired Flex Cable Connector
PX0402
Right-angled overmoulded
Flex connector for pre-wired
cable assemblies
Pin or socket
Cable range 2.5 -9.0mm o/d
2, 3, 4, 6, 8, 10 or 12 pole
Mates with PX0401 & PX0411
Flex In-Line connectors and
PX0412 & PX0413 panel
mounting connectors
Pre Wired Inline Flex Connector
PX0401
Overmoulded Flex connector
for pre-wired cable assemblies
Pin or socket
Cable range 2.5 -9.0mm o/d
2, 3, 4, 6, 8, 10 or 12 pole
Mates with PX0400, PX0402 &
PX0410 Flex connectors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com