Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX0413/04S/PC Datasheet(PDF) 4 Page - Bulgin Limited. All rights reserved.

Part # PX0413/04S/PC
Description  400 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PX0413/04S/PC Datasheet(HTML) 4 Page - Bulgin Limited. All rights reserved.

  PX0413/04S/PC Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PX0413/04S/PC Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Buccaneer for Power 36
Insertion / Extraction
Specifications
BUCCANEER FOR POWER
400 Series Buccaneer
Pole
Pole
Crimp Contacts
Solder Contacts
Crimp tools
Current Rating
Current Rating
Pin
Pin
Socket
Socket
Pack Qty
Pack Qty
Cable Acceptance (dia)
Cable Acceptance (dia)
2, 3
4, 6, 8
10, 12
2, 3
4, 6, 8
10, 12
Insertion/Extraction Tool
Insertion/Extraction Tool
Insertion/Extraction Tool
Positioner
Positioner
Positioner
2,3
4,6,8
10,12
2,3
4,6,8
10,12
8A
5A
1A
8A
5A
1A
SA3350
SA3348
SA3180
SA3350/1
SA3348/1
SA3180/1
SA3349
SA3347
SA3179
SA3349/1
SA3347/1
SA3179/1
10
10
10
10
10
10
20 - 24 AWG
22 - 26 AWG
24 - 28 AWG
20 - 24 AWG
22 - 26 AWG
24 - 28 AWG
8A
5A
1A
8A
5A
1A
Blue
Red
Green
Blue
Red
Green
13027/2
13027/1
13027
14025/8AMP
14025/5AMP
14025/1AMP
14025
Poles
Poles
Contact
Rating
Contact
Rating
Colour
Colour
Part No
Part No
8 Indent Crimp Tool for use with positioners
PX0413 PCB Contact Layout
Sockets
Plugs
Contact numbers viewed from rear of panel
Contact numbers viewed from rear of panel
2 pole
(8 Amp)
3 pole
(8 Amp)
4 pole
(5 Amp)
6 pole
(5 Amp)
8 pole
(5 Amp)
10 pole
(1 Amp)
12 pole
(1 Amp)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com