Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222B Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3222B
Description  3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3222B Datasheet HTML 5Page - STMicroelectronics ST3222B Datasheet HTML 6Page - STMicroelectronics ST3222B Datasheet HTML 7Page - STMicroelectronics ST3222B Datasheet HTML 8Page - STMicroelectronics ST3222B Datasheet HTML 9Page - STMicroelectronics ST3222B Datasheet HTML 10Page - STMicroelectronics ST3222B Datasheet HTML 11Page - STMicroelectronics ST3222B Datasheet HTML 12Page - STMicroelectronics ST3222B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ST3222B - ST3222C
Package mechanical data
9/13
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com