Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222B Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3222B
Description  3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222B Datasheet(HTML) 5 Page - STMicroelectronics

  ST3222B Datasheet HTML 1Page - STMicroelectronics ST3222B Datasheet HTML 2Page - STMicroelectronics ST3222B Datasheet HTML 3Page - STMicroelectronics ST3222B Datasheet HTML 4Page - STMicroelectronics ST3222B Datasheet HTML 5Page - STMicroelectronics ST3222B Datasheet HTML 6Page - STMicroelectronics ST3222B Datasheet HTML 7Page - STMicroelectronics ST3222B Datasheet HTML 8Page - STMicroelectronics ST3222B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ST3222B - ST3222C
Electrical characteristics
5/13
3
Electrical characteristics
Note:
Transmitter input hysteresis is typically 250 mV
Table 4.
Electrical characteristics (C1 - C4 = 0.1 µF, VCC = 3 V to 3.6 V, TA = -40 to 85 °C, unless
otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISUPPLY
VCC power supply
current
No load
VCC = 3.3V TA = 25°C
SHDN=VCC
0.3
1
mA
ISHDN
SHUTDOWN supply
current
No load
VCC = 3.3V TA = 25°C
SHDN=VCC
110
µA
Table 5.
Logic input electrical characteristics (C1 - C4 = 0.1 µF, VC = 3 V to 3.6 V,
TA = - 40 to 85 °C, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input logic threshold low T-IN, EN, SHDN (Note:)0.8
V
VIH
Input logic threshold
high
VCC = 3.3V
2
V
VHYS
Transmitter input
hysteresis
0.5
V
IIL
Input leakage current
T-IN, EN, SHDN
± 0.01
± 1µA
Table 6.
Transmitter electrical characteristics (C1 - C4 = 0.1 µA VCC = 3 V to 3.6 V,
TA = -40 to 85 °C, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All transmitter outputs are loaded with
3k
Ω to GND
± 5
± 5.4
V
RTOUT
Transmitter output
resistance
VCC = V+ = V- = 0V, VOUT = ± 2V
300
10M
Ω
ITSC
Output short circuit
current
± 60
mA
ITOL
Output leakage current
VCC = 0V or 3V to 3.6V, VOUT = ± 12V
Transmitters disable
± 25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com