Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222C Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3222C
Description  3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3222C Datasheet HTML 3Page - STMicroelectronics ST3222C Datasheet HTML 4Page - STMicroelectronics ST3222C Datasheet HTML 5Page - STMicroelectronics ST3222C Datasheet HTML 6Page - STMicroelectronics ST3222C Datasheet HTML 7Page - STMicroelectronics ST3222C Datasheet HTML 8Page - STMicroelectronics ST3222C Datasheet HTML 9Page - STMicroelectronics ST3222C Datasheet HTML 10Page - STMicroelectronics ST3222C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ST3222B - ST3222C
Application
7/13
4
Application
Figure 2.
Application circuits
Table 9.
Capacitance value (µF)
C1
C2
C3
C4
Cbypass
0.1
0.1
0.1
0.1
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com