Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3222C
Description  3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222C Datasheet(HTML) 1 Page - STMicroelectronics

  ST3222C Datasheet HTML 1Page - STMicroelectronics ST3222C Datasheet HTML 2Page - STMicroelectronics ST3222C Datasheet HTML 3Page - STMicroelectronics ST3222C Datasheet HTML 4Page - STMicroelectronics ST3222C Datasheet HTML 5Page - STMicroelectronics ST3222C Datasheet HTML 6Page - STMicroelectronics ST3222C Datasheet HTML 7Page - STMicroelectronics ST3222C Datasheet HTML 8Page - STMicroelectronics ST3222C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
January 2008
Rev 6
1/13
13
ST3222B
ST3222C
3 to 3.6 V, low power, up to 400 kbps
RS-232 drivers and receivers
Features
300 µA supply current
250 kbps minimum guarantee data rate
6 V/µs minimum guarantee slew rate
Meet EIA/TIA-232 specification down to 3 V
Description
The ST3222 is a 3 V powered EIA/TIA-232 and
V.28/V.24 communications interface with low
power requirements and high data-rate
capabilities. ST3222 has a proprietary low
dropout transmitter output stage providing true
RS-232 performance from 3 to 3.6 V power
supplies. The device requires only four small 0.1
mF standard external capacitors for operating
from 3 V supply. The ST3222 has two receivers
and two drivers. The ST3222 features a 1 mA
shutdown mode that reduces power consumption
and extends battery life in portable systems. Its
receivers can remain active in shutdown mode,
allowing external devices such as modems to be
monitored using only 1 mA supply current. The
device is guaranteed to run at data rates of
250Kbps while maintaining RS-232 output levels.
Typical applications are Notebook, Sub-notebook
and Palmtop Computers, Battery Powered
Equipment, Hand-Held Equipment, Peripherals
and Printers.
TSSOP
Table 1.
Device summary
Order codes
Temperature
range
Package
Packaging
ST3222CTR
0 to 70 °C
TSSOP20 (tape and reel)
2500 parts per reel
ST3222BTR
-40 to 85 °C
TSSOP20 (tape and reel)
2500 parts per reel
www.st.com


Similar Part No. - ST3222C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222CD STMICROELECTRONICS-ST3222CD Datasheet
159Kb / 9P
3 TO 3.6V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
Oct-2002
ST3222CDR STMICROELECTRONICS-ST3222CDR Datasheet
159Kb / 9P
3 TO 3.6V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
Oct-2002
ST3222CTR STMICROELECTRONICS-ST3222CTR Datasheet
159Kb / 9P
3 TO 3.6V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
Oct-2002
More results

Similar Description - ST3222C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222 STMICROELECTRONICS-ST3222 Datasheet
159Kb / 9P
3 TO 3.6V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
Oct-2002
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003
ST3232 STMICROELECTRONICS-ST3232 Datasheet
312Kb / 19P
3 TO 5.5V, LOW POWER, UP TO 400KBPS, RS-232 DRIVERS AND RECEIVERS
25-Oct-2006
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3222E STMICROELECTRONICS-ST3222E_06 Datasheet
520Kb / 18P
짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
22-Mar-2006
ST3232E STMICROELECTRONICS-ST3232E_06 Datasheet
382Kb / 20P
±15kV ESD-Protection, 3 to 5.5V, low power, up to 250KBPS, RS-232 drivers and receivers
06-Sep-2006
ST3232B STMICROELECTRONICS-ST3232B_08 Datasheet
760Kb / 18P
3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
08-Feb-2008
ST3232EB STMICROELECTRONICS-ST3232EB_08 Datasheet
806Kb / 19P
± 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
08-Feb-2008
ST3222EB STMICROELECTRONICS-ST3222EB Datasheet
679Kb / 15P
/-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
21-Jan-2008
ST3243B STMICROELECTRONICS-ST3243B_11 Datasheet
242Kb / 17P
3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
07-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com