Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222EB Datasheet (PDF) - STMicroelectronics

ST3222EB Datasheet PDF - STMicroelectronics
Part # ST3222EB
Download  ST3222EB Download
File Size   679.12 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description /-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers

ST3222EB Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3222EB Datasheet PDF - STMicroelectronics

Part # ST3222EB
Download  ST3222EB Click to download

File Size   679.12 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description /-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers

ST3222EB Datasheet (HTML) - STMicroelectronics


ST3222EB Product details

Description
The ST3222E is a 3 V powered EIA/TIA-232 and V.28/V.24 communications interface with low power requirements, high data-rate capabilities and enhanced electrostatic discharge (ESD) protection to ± 8 kV using IEC1000-4-2 Contact Discharge and ±15 kV using the Human Body Model. ST3222E has a proprietary low dropout transmitter output stage providing true RS-232 performance from 3 to 5 V supplies with a dual charge pump. The charge pump requires only four small 0.1 mF external capacitors for operation form 3 V supply.
   
Features
■ ESD protection for RS-232 I/O pins ± 15 kV
    human body model, ± 8 kV IEC 1000-4-2
    contact discharge
■ 300 µA supply current
■ 250KBps minimum guarantee data rate
■ 6 V/µs minimum guarantee slew rate
■ Meet EIA/TIA-232 specification down to 3 V
■ Available in SSOP20 and TSSOP20
   




Similar Part No. - ST3222EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222EBD STMICROELECTRONICS-ST3222EBD Datasheet
198Kb / 10P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003
ST3222EBDR STMICROELECTRONICS-ST3222EBDR Datasheet
198Kb / 10P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003
ST3222EBPR STMICROELECTRONICS-ST3222EBPR Datasheet
198Kb / 10P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003
ST3222EBPR STMICROELECTRONICS-ST3222EBPR Datasheet
520Kb / 18P
짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
22-Mar-2006
ST3222EBTR STMICROELECTRONICS-ST3222EBTR Datasheet
198Kb / 10P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003
More results


Similar Description - ST3222EB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3222E STMICROELECTRONICS-ST3222E Datasheet
198Kb / 10P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
Mar-2003
ST3232E STMICROELECTRONICS-ST3232E Datasheet
426Kb / 16P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
April 2003
ST3222E STMICROELECTRONICS-ST3222E_06 Datasheet
520Kb / 18P
짹 15KV ESD-protected, 3 to 5.5V Low power, up to 250KBps, RS-232 drivers and receivers
22-Mar-2006
ST3222B STMICROELECTRONICS-ST3222B Datasheet
616Kb / 13P
3 to 3.6 V, low power, up to 400 kbps RS-232 drivers and receivers
21-Jan-2008
ST3232B STMICROELECTRONICS-ST3232B_08 Datasheet
760Kb / 18P
3 to 5.5 V, low power, up to 400 kbps RS-232 drivers and receivers
08-Feb-2008
ST3232EB STMICROELECTRONICS-ST3232EB_08 Datasheet
806Kb / 19P
± 15 kV ESD protection 3 to 5.5 V low power, up to 250 kbps, RS-232 drivers and receivers
08-Feb-2008
ST3241EB STMICROELECTRONICS-ST3241EB_07 Datasheet
654Kb / 15P
±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
13-Nov-2007
ST3237EB STMICROELECTRONICS-ST3237EB_07 Datasheet
769Kb / 18P
± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
13-Nov-2007
ST3241EB STMICROELECTRONICS-ST3241EB_10 Datasheet
274Kb / 13P
±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
28-Sep-2010
ST3243ECTR-E STMICROELECTRONICS-ST3243ECTR-E Datasheet
633Kb / 16P
(,-) 15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto power-down
16-Oct-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com