Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222EB Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3222EB
Description  /-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222EB Datasheet(HTML) 5 Page - STMicroelectronics

  ST3222EB Datasheet HTML 1Page - STMicroelectronics ST3222EB Datasheet HTML 2Page - STMicroelectronics ST3222EB Datasheet HTML 3Page - STMicroelectronics ST3222EB Datasheet HTML 4Page - STMicroelectronics ST3222EB Datasheet HTML 5Page - STMicroelectronics ST3222EB Datasheet HTML 6Page - STMicroelectronics ST3222EB Datasheet HTML 7Page - STMicroelectronics ST3222EB Datasheet HTML 8Page - STMicroelectronics ST3222EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ST3222E
Electrical characteristics
5/15
3
Electrical characteristics
Note:
1
Transmitter input hysteresis is typically 250 mV
Table 6.
Electrical characteristics (C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V, TA = -40 to 85 °C, unless
otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISUPPLY
VCC power supply current No load, SHDN = VCC, TA = 25°C
0.3
1
mA
ISHDN
Shutdown supply current
No load, SHDN = VCC, TA = 25°C
1
10
µA
Table 7.
Logic input electrical characteristics (C1 - C4 = 0.1 µF, VCC = 3 V to 5.5 V,
TA = -40 to 85 °C, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input logic threshold low
T-IN, EN, SHDN (Note: 1)0.8
V
VIH
Input logic threshold high
VCC = 3.3 V
2
V
VCC = 5 V
2.4
VHYS
Transmitter input
hysteresis
0.25
V
IIL
Input leakage current
T-IN, EN, SHDN
± 0.01
± 1µA
Table 8.
Transmitter electrical characteristics (C1 - C4 = 0.1 µF VCC = 3 V to 5.5 V,
TA = -40 to 85 °C, unless otherwise specified. Typical values are referred to TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All transmitter outputs are loaded with
3 K
Ω to GND
± 5
± 5.4
V
RTOUT
Transmitter output
resistance
VCC = V+ = V- = 0 V, VOUT = ± 2 V
300
10M
Ω
ITSC
Output short circuit
current
± 60
mA
ITOL
Output leakage current
VCC = 0 or 3 V to 3.6 V, VOUT = ± 12 V
Transmitters disable
± 25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com