Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3222EB Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3222EB
Description  /-15 kV ESD protected, 3 to 5.5 V low power, up to 250 Kbps, RS-232 drivers and receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3222EB Datasheet(HTML) 3 Page - STMicroelectronics

  ST3222EB Datasheet HTML 1Page - STMicroelectronics ST3222EB Datasheet HTML 2Page - STMicroelectronics ST3222EB Datasheet HTML 3Page - STMicroelectronics ST3222EB Datasheet HTML 4Page - STMicroelectronics ST3222EB Datasheet HTML 5Page - STMicroelectronics ST3222EB Datasheet HTML 6Page - STMicroelectronics ST3222EB Datasheet HTML 7Page - STMicroelectronics ST3222EB Datasheet HTML 8Page - STMicroelectronics ST3222EB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ST3222E
Pin configuration
3/15
1
Pin configuration
Figure 1.
Pin connection
Table 2.
Pin description
Pin n°
Symbol
Name and function
1EN
Receiver enable control. drive low for normal operation. Drive high to force the
receivers outputs (R_OUT) into a high-impedance state.
2C1+
Positive terminal for the first charge pump capacitor
3
V+
5.5V Generated by the charge pump.
4C1-
Negative terminal for the first charge pump capacitor
5C2+
Positive terminal for the second charge pump capacitor
6C2-
Negative terminal for the second charge pump capacitor
7
V-
-5.5V Generated by the charge pump.
8T2OUT
Second transmitter output voltage
9R2IN
Second receiver input voltage
10
R2OUT
Second receiver output voltage
11
NC
Not connected
12
T2IN
Second transmitter input voltage
13
T1IN
First transmitter input voltage
14
NC
Not connected
15
R1OUT
First receiver output voltage
16
R1IN
First receiver input voltage
17
T1OUT
First transmitter output voltage
18
GND
Ground
19
VCC
Supply voltage
20
SHDN
Active low shutdown control input. drive low to shut-down transmitter and charge pump



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com