Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8S06D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH8S06D
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8S06D Datasheet(HTML) 2 Page - STMicroelectronics

  STTH8S06D Datasheet HTML 1Page - STMicroelectronics STTH8S06D Datasheet HTML 2Page - STMicroelectronics STTH8S06D Datasheet HTML 3Page - STMicroelectronics STTH8S06D Datasheet HTML 4Page - STMicroelectronics STTH8S06D Datasheet HTML 5Page - STMicroelectronics STTH8S06D Datasheet HTML 6Page - STMicroelectronics STTH8S06D Datasheet HTML 7Page - STMicroelectronics STTH8S06D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STTH8S06
2/8
1
Characteristics
To evaluate the maximum conduction losses use the following equation:
P = 1.20 x IF(AV) + 0.087 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(AV)
Average forward current
8
A
IFSM
Surge non repetitive forward current
tp = 10 ms
60
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
Table 3.
Thermal parameter
Symbol
Parameter
Maximum
Unit
Rth(j-c)
Junction to case
TO-220AC
3.0
°C/W
TO220FPAC
5.5
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IR
Reverse leakage current
Tj = 25 °C
VR = 600 V
20
µA
Tj= 125 °C
25
200
VF
Forward voltage drop
Tj = 25 °C
IF = 8 A
3.4
V
Tj = 125 °C
1.5
1.9
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
trr
Reverse recovery time
IF = 1 A, dIF/dt = - 200 A/µs, VR = 30 V
12
18
ns
IRM
Reverse current
Tj = 25 °C
IF = 8 A, dIF/dt = - 200 A/µs,
VR = 200 V
1.6
2.2
A
Sfactor
Softness factor
1
-
Qrr
Reverse recovery charges
17
nC
IRM
Reverse current
Tj = 125 °C
IF = 8 A, dIF/dt = - 200 A/µs,
VR = 200 V
4.4
6.0
A
Sfactor
Softness factor
0.3
-
Qrr
Reverse recovery charges
90
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com