Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8S06D Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH8S06D
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8S06D Datasheet(HTML) 4 Page - STMicroelectronics

  STTH8S06D Datasheet HTML 1Page - STMicroelectronics STTH8S06D Datasheet HTML 2Page - STMicroelectronics STTH8S06D Datasheet HTML 3Page - STMicroelectronics STTH8S06D Datasheet HTML 4Page - STMicroelectronics STTH8S06D Datasheet HTML 5Page - STMicroelectronics STTH8S06D Datasheet HTML 6Page - STMicroelectronics STTH8S06D Datasheet HTML 7Page - STMicroelectronics STTH8S06D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
STTH8S06
4/8
Figure 7.
Junction capacitance versus reverse voltage applied (typical values)
Figure 5.
Reverse recovery time versus dIF/dt
(typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
t (ns)
rr
0
10
20
30
40
50
60
70
0
200
400
600
800
1000
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =200V
T =125°C
R
j
Q (nC)
rr
0
20
40
60
80
100
120
140
160
180
200
220
240
0
200
400
600
800
1000
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =200V
T =125°C
R
j
dI /dt(A/µs)
F
C(pF)
1
10
100
1
10
100
1000
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com