Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STW5200
Description  24-bit, 103 dB SNR audio DAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5200 Datasheet(HTML) 2 Page - STMicroelectronics

  STW5200 Datasheet HTML 1Page - STMicroelectronics STW5200 Datasheet HTML 2Page - STMicroelectronics STW5200 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Block diagram
STw5200
2/3
1
Block diagram
Figure 1.
Functional block diagram of the STw5200
2
Ordering information
3
Revision history
Analog
audio
mixing
matrix
Analog
audio
mixing
matrix
Stereo
line OUT
Stereo
Headset
Line IN
24-bit
audio DAC
24-bit
audio DAC
103 dB
Stereo
audio
DAC
103 dB
Stereo
audio
DAC
STw5200
ampli
No
Cap
acito
r
32 kHz
MCLK
I²S
-2V
Supply
management
Supply
management
I²C
SRC
SRC
PLL
PLL
Table 1.
Order codes
Order codes
Package
Packing
STW52000K/HF
TFBGA-40 4 mm x 4 mm x 1.2mm, pitch 0.5 mm
Tray
STW52000KT/HF
TFBGA-40 4 mm x 4 mm x 1.2mm, pitch 0.5 mm
Tape and reel
STW520025T/LF
WLCSP-36 2.6 mm x 2.6 mm x 0.65 mm, pitch 0.4 mm
Tape and reel
STW520062/HF
VQFPN-44 7 mm x 7 mm x 1 mm, pitch 0.5 mm
Tray
STW520062T/HF
VQFPN-44 7 mm x 7 mm x 1 mm, pitch 0.5 mm
Tape and reel
Table 2.
Document revision history
Date
Revision
Changes
14-Jan-2008
1
Initial release.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com