Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5200 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW5200
Description  24-bit, 103 dB SNR audio DAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5200 Datasheet(HTML) 1 Page - STMicroelectronics

  STW5200 Datasheet HTML 1Page - STMicroelectronics STW5200 Datasheet HTML 2Page - STMicroelectronics STW5200 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2008
Rev 1
1/3
3
STw5200
24-bit, 103 dB SNR audio DAC
Features
■ DAC
– 24-bit audio DAC
– 103 dB dynamic range
– Asynchronous DAC path with 8 to 48kHz
sampling rate
■ Supply
– Direct connection to the battery thanks to
integrated power management
■ Inputs
–I2S digital input
■ Analog output drivers
– Stereo headset amplifier:
- ‘True ground’ output amplifier (no coupling
capacitor)
- Driving capacity: 2 x 50 mW over 32
Ω up
to 2 x 80 mW over 32
Ω
- Plug detection
- Click/pop suppression
Description
The STw5200 is a 24-bit high performance DAC
for mobile handset application with 103 dB
dynamic range for the whole audio path.
The device can be driven either by the system
clock or by the 32 kHz RTC clock.
STw5200 is very easy to integrate and thanks to
its embedded power management, it can be
directly connected to the battery.
The device foot print is very small as the EBOM is
reduced to a few components. The 50 mW
headset amplifier is of “True-ground” type (no
coupling capacitor).
TFBGA-40 4x4x1.2 mm, 0.5 mm pitch
VFQFPN-44 7x7x1.0 mm, 0.5 mm pitch
WLCSP-36 2.55x2.55x0.65 mm, 0.4 mm pitch
www.st.com


Similar Part No. - STW5200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW5200 STMICROELECTRONICS-STW5200 Datasheet
123Kb / 4P
24-bit, 103 dB SNR audio DAC
14-Jan-2008
STW52000K/HF STMICROELECTRONICS-STW52000K/HF Datasheet
123Kb / 4P
24-bit, 103 dB SNR audio DAC
14-Jan-2008
STW52000KT/HF STMICROELECTRONICS-STW52000KT/HF Datasheet
123Kb / 4P
24-bit, 103 dB SNR audio DAC
14-Jan-2008
STW520025T/LF STMICROELECTRONICS-STW520025T/LF Datasheet
123Kb / 4P
24-bit, 103 dB SNR audio DAC
14-Jan-2008
STW520062/HF STMICROELECTRONICS-STW520062/HF Datasheet
123Kb / 4P
24-bit, 103 dB SNR audio DAC
14-Jan-2008
More results

Similar Description - STW5200

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS43122 CIRRUS-CS43122 Datasheet
523Kb / 28P
122dB, 24-Bit, 192kHz DAC for Digital Audio
CS4340 CIRRUS-CS4340 Datasheet
835Kb / 28P
24-Bit, 96 kHz Stereo DAC for Audio?
logo
Asahi Kasei Microsystem...
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
192kHz 24-Bit 6ch DAC for DVD-Audio
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
6-Channel Audio DAC, 24-bit, 192kHz
logo
Cirrus Logic
CS4340 CIRRUS-CS4340_05 Datasheet
766Kb / 25P
24-Bit, 96 kHz Stereo DAC for Audio
logo
STMicroelectronics
STW5210 STMICROELECTRONICS-STW5210 Datasheet
207Kb / 3P
24-bit, 103 dB SNR audio DAC with playback time extender
24-Jan-2008
STW5200 STMICROELECTRONICS-STW5200_08 Datasheet
123Kb / 4P
24-bit, 103 dB SNR audio DAC
14-Jan-2008
STW5210 STMICROELECTRONICS-STW5210_08 Datasheet
235Kb / 4P
24-bit, 103 dB SNR audio DAC with playback time extender
24-Jan-2008
logo
Nuvoton Technology Corp...
NAU8401 NUVOTON-NAU8401 Datasheet
1Mb / 69P
24-bit Stereo Audio DAC with Speaker Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com