Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43122 Datasheet (PDF) - Cirrus Logic

CS43122 Datasheet PDF - Cirrus Logic
Part # CS43122
Download  CS43122 Download
File Size   523.75 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 122dB, 24-Bit, 192kHz DAC for Digital Audio

CS43122 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS43122 Datasheet PDF - Cirrus Logic

Part # CS43122
Download  CS43122 Click to download

File Size   523.75 Kbytes
Page   28 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 122dB, 24-Bit, 192kHz DAC for Digital Audio

CS43122 Datasheet (HTML) - Cirrus Logic


CS43122 Product details

Description
The CS43122 is a complete high performance 24 bit-192 kHz stereo digital-to-analog conversion system. The device includes a digital interpolation filter followed by an oversampled 5 bit delta-sigma modulator which drives second generation dynamic-element-matching (DEM) selection logic.

Features
● 24 Bit Conversion
● Up to 192 kHz Sample Rates
● 122 dB Dynamic Range
● -102 dB THD+N
● Second-Order Dynamic-Element Matching
● Low Clock Jitter Sensitivity
● 102 dB Stop-band attenuation
● Single +5 V supply
● Soft Mute Control
● Digital De-Emphasis for 32, 44.1, and 48 kHz
● External Reference Input
● Pin-compatible with the CS4396




Similar Part No. - CS43122

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS4312G350 HVPSI-CS4312G350 Datasheet
161Kb / 2P
Standard Recovery High Voltage Diodes
CS4312G400 HVPSI-CS4312G400 Datasheet
161Kb / 2P
Standard Recovery High Voltage Diodes
CS4312U035 HVPSI-CS4312U035 Datasheet
164Kb / 2P
Ultra-fast High Voltage Diodes
CS4312U035 HVPSI-CS4312U035 Datasheet
167Kb / 2P
Ultra-fast High Voltage Diodes
More results


Similar Description - CS43122

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4356 AKM-AK4356 Datasheet
281Kb / 29P
192kHz 24 Bit IX-CHANNEL DAC FOR DVD-AUDIO
AK4355 AKM-AK4355 Datasheet
160Kb / 24P
192kHz 24-Bit 6ch DAC for DVD-Audio
logo
List of Unclassifed Man...
AV2636 ETC-AV2636 Datasheet
821Kb / 16P
24-bit 192kHz Stereo Audio DAC
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
6-Channel Audio DAC, 24-bit, 192kHz
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com