Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet (PDF) - Wolfson Microelectronics plc

WM8741 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8741
Download  WM8741 Download
File Size   903.55 Kbytes
Page   63 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit 192kHz DAC with Advanced Digital Filtering

WM8741 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8741 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8741
Download  WM8741 Click to download

File Size   903.55 Kbytes
Page   63 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 24-bit 192kHz DAC with Advanced Digital Filtering

WM8741 Datasheet (HTML) - Wolfson Microelectronics plc


WM8741 Product details

DESCRIPTION
The WM8741 is a very high performance stereo DAC designed for audio applications such as professional recording systems, A/V receivers and high specification CD, DVD and home theatre systems. The device supports PCM data input word lengths from 16 to 32-bits and sampling rates up to 192kHz. The WM8741 also supports DSD bit- stream data format, in both direct DSD and PCM-converted DSD modes.

FEATURES
• Advanced Ultra High Performance Multi-bit Sigma-Delta Architecture
   − 128dB SNR (‘A’-weighted mono @ 48kHz)
   − 125dB SNR (‘A’-weighted stereo @ 48kHz)
   − 123dB SNR (non-weighted stereo @ 48kHz)
   − -100dB THD @ 48kHz
   − Differential analogue voltage outputs
   − High tolerance to clock jitter
• PCM Mode
   − Sampling frequency: 32kHz to 192kHz
   − Input data word length support: 16 to 32-bit
   − Supports all standard audio interface formats
   − Selectable advanced digital filter responses
   − Includes linear/minimum phase and range of
      tailored characteristics
   − Enables low pre-ringing, minimal latency
   − Optional interface to industry standard external filters
   − Digital volume control in 0.125dB steps with soft ramp
      and soft mute
   − Anti-clipping mode to prevent distortion even with input
      signals recorded up to 0dB
   − Selectable de-emphasis support
   − Zero Flag output
• DSD Mode
   − DSD bit-stream support for SACD applications
   − Support for normal or phase modulated bit-streams
   − Direct or PCM converted DSD paths (DSD Plus)
   − DSD mute
• Hardware or software control modes:
   − 2 and 3 wire serial control interface support
• Pin compatible with WM8740
• 4.5V to 5.5V analogue, 3.0V to 3.6V digital supply operation
• 28-lead SSOP Package

APPLICATIONS
• Professional audio systems
• CD, DVD, SACD audio
• Home theatre systems
• A/V receivers




Similar Part No. - WM8741

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8741 CIRRUS-WM8741 Datasheet
898Kb / 66P
24-bit 192kHz DAC with Advanced Digital Filtering
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741GEDS/RV WOLFSON-WM8741GEDS/RV Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741GEDS/V WOLFSON-WM8741GEDS/V Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
More results


Similar Description - WM8741

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
logo
Cirrus Logic
CS43122 CIRRUS-CS43122 Datasheet
523Kb / 28P
122dB, 24-Bit, 192kHz DAC for Digital Audio
logo
Asahi Kasei Microsystem...
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8741 CIRRUS-WM8741 Datasheet
898Kb / 66P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8742 CIRRUS-WM8742 Datasheet
2Mb / 66P
24-bit 192 kHz DAC with Advanced Digital Filtering
Rev 4.4 JAN 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com