Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
WM8741
Product Preview
w
PP Rev 1.3 October 2007
10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating
at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically
susceptible to damage from excessive static voltages. Proper ESD precautions must be taken during handling
and storage of this device.
Wolfson Microelectronics tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine
acceptable storage conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Digital supply voltage, DVDD
-0.3V
+4.5V
Analogue supply voltage, AVDD
-0.3V
+7V
Voltage range digital inputs
DGND - 0.3V
DVDD + 0.3V
Voltage range analogue inputs
AGND - 0.3V
AVDD + 0.3V
Master Clock Frequency
38.462MHz
Operating temperature range, TA
-25°C
+85°C
Storage temperature
-65°C
+150°C
Ambient temperature (supplies applied)
-55°C
+125°C
Pb free package body temperature (soldering 10 seconds)
+260°C
Pb free package body temperature (soldering 2 minutes)
+183°C
Notes:
1. Analogue and digital grounds must always be within 0.3V of each other.
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Thermal resistance –
junction to case
θJC
23.9
°C/W
Thermal resistance –
junction to ambient
θJA
67.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com