Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Product Preview
WM8741
w
PP Rev 1.3 October 2007
39
DSD MUTE CONTROL
In DSD Direct mode, an analogue mute can be applied at the output of the DAC. This is controlled
by register bit AMUTE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
Volume Control
04h
7
AMUTE
0
DSD Direct mute control:
0 = mute off
1 = mute on
Table 40 DSD Analogue Mute Control
POWER SAVING STANDBY CONTROL
Setting the PWDN register bit immediately connects all outputs to VMID and resets the digital sections
of the DAC system including the DLL, the audio interface and the DSP. Input data samples are not
preserved, but all control register settings are maintained. When PWDN is cleared the WM8741 will
repeat its power-on initialisation sequence.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5
Format Control
05h
7
PWDN
0
Power Down Mode Select:
0 = Normal Mode
1 = Power Down Mode
Table 41 Powerdown Control
HARDWARE CONTROL MODE
When the MODE pin is held ‘low’ the WM8741 is set to hardware control mode and a limited feature
set can be configured.
PIN
NAME
DESCRIPTION
24
MODE/
LRSEL
0 = Hardware control mode
1 = 3-wire serial control mode
Z = 2-wire serial control mode
Table 42 MODE/LRSEL Hardware Control Pin Function
DSD AND PCM MODE SWITCHING
The audio interface mode can be switched between DSD Direct and PCM by controlling the state of
pin DSD. It is recommended that the chip is forced into a MUTE state before dynamically switching
modes.
PIN
NAME
DESCRIPTION
27
SCLK/DSD
0 = PCM Mode
1 = DSD Direct Mode
Table 43 SCLK/DSD Hardware Control Pin Function
AUDIO INPUT FORMAT
Under hardware control, it is possible to select between four different modes of operation for the
PCM audio interface.
PIN NUMBER
28
23
NAME
CSB/SADDR/I2S
IWO/DOUT
DESCRIPTION
0
0
16-bit right justified
0
1
24-bit right justified
1
0
24-bit left justified
STATUS
1
1
24-bit I2S
Table 44 CSB/SADDR/I2S and IWO/DOUT Hardware Control Pin Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com