Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
WM8741
Product Preview
w
PP Rev 1.3 October 2007
52
DSD PLUS MODE FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSD Plus Filter Response 1
Passband
± 0.020423 dB
22.48
kHz
Passband Ripple
0.020423
dB
Stopband
127.69
kHz
Stopband Attenuation
-38.51
dB
Filter Cut-off
-3dB point
58.91
kHz
Group Delay
71
fs
DSD Plus Filter Response 2
Passband
± 0.011308dB
23.04
kHz
Passband Ripple
0.011308
dB
Stopband
120.41
kHz
Stopband Attenuation
-44.52
dB
Filter Cut-off
-3dB point
49.83
kHz
Group Delay
127
fs
DSD Plus Filter Response 3
Passband
± 0.004140 dB
20.24
kHz
Passband Ripple
0.004140
dB
Stopband
70.03
kHz
Stopband Attenuation
-48.05
dB
Filter Cut-off
-3dB point
49.78
kHz
Group Delay
127
fs
DSD Plus Filter Response 4
Passband
± 0.019762 dB
27.35
kHz
Passband Ripple
0.019762
dB
Stopband
70.14
kHz
Stopband Attenuation
-26.28
dB
Filter Cut-off
-3dB point
49.74
kHz
Group Delay
46
fs
Table 65 DSD Plus Filter Characteristics
DSD DIRECT MODE FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DSD Direct Filter (Low Gain Mode)
Passband
± 0.006714 dB
20.07
kHz
Passband Ripple
0.006714
dB
Stopband
116.45
kHz
Stopband Attenuation
-13.82
dB
Filter Cut-off
-3dB point
83.72
kHz
Group Delay
9
fs
Table 66 DSD Direct Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com