Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Product Preview
WM8741
w
PP Rev 1.3 October 2007
9
DESCRIPTION
PIN
NAME
TYPE
PCM MODE
DSD DIRECT MODE
24
MODE /
LRSEL
Digital input,
tri-level
When DIFFHW=0:
0 = hardware mode
1 = 3-wire software mode
Z = 2-wire software mode
When DIFFHW=1:
0 = left channel mono
1 = right channel mono
When DIFFHW=0:
0 = hardware mode
1 = 3-wire software mode
Z = 2-wire software mode
When DIFFHW=1:
0 = left channel mono
1 = right channel mono
25
MUTEB /
SDOUT
Digital input or
output:
Internal pull-up
Softmute Control
0 = mute active
1 = normal operation
Analogue Mute Control
0 = mute active
1 = normal operation
26
SDIN /
DEEMPH
Digital input
Tri-level
De-emphasis Control
0 = normal operation
1 = de-emphasis applied
Z = anti-clipping digital filter mode
Unused
27
SCLK /
DSD
Digital input
HW Mode Select:
0 = PCM
1 = DSD Direct
HW Mode Select:
0 = PCM
1 = DSD Direct
28
CSB /
SADDR /
I2S
Digital input
Controls audio interface format – see
Table 44
Unused
Notes:
1.
Undefined inputs should be connected to DVDD or DGND
2.
Tri-level pins who require the ‘Z’ state to be selected should be left floating (open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com