Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
Product Preview
WM8741
w
PP Rev 1.3 October 2007
47
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
[2:0]
FIRSEL
000
Select advanced digital filter response:
000 = Response 1
001 = Response 2
010 = Response 3
011 = Response 4
100 = Response 5
[4:3]
DSDFILT
00
Select DSD compensation filter response:
00 = Response 1
01 = Response 2
10 = Response 3
11 = Response 4
[6:5]
DEEMPH
[1:0]
00
De-emphasis mode select:
00 = De-emphasis Off
01 = De-emphasis 32kHz
10 = De-emphasis 44.1kHz
11 = De-emphasis 48kHz
R6
Filter Control
06h
7
ZFLAG_HI
0
ZFLAG Force High Control
0 = Normal operation
1 = Output Logic 1
Table 57 R6 Filter Control Register
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
[1:0]
MODESEL
[1:0]
00
DSD/PCM mode select.
00 = PCM mode
01 = DSD Direct mode
10 = DSD Plus mode
11 = Unused
[4:2]
SR[3:0]
000
MCLK to LRCLK sampling rate ratio control:
000 = auto detect sample rate
001 = 128fs
010 = 192fs
011 = 256fs
100 = 384fs
101 = 512fs
110 = 768fs
[6:5]
OSR[1:0]
00
Selects low, medium or high sample rate mode for filter selection
(equivalent to OSR pin functionality in Hardware Mode)
00 = Low rate (32/44.1/48kHz)
01 = Medium rate (96kHz)
10 = High rate (192kHz)
11 = Unused
R7
Mode Control 1
07h
7
MODE8X
0
8FS mode select:
0 = Normal operation
1 = 8FS mode (digital filters bypassed)
Table 58 R7 Mode Control Register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com