Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
WM8741
Product Preview
w
PP Rev 1.3 October 2007
14
DSD AUDIO INTERFACE TIMINGS
Figure 3 DSD Audio Timing - Normal Mode
Figure 4 DSD Audio Timing - Phase Modulated Mode
Test Conditions
DVDD = 3.3V, GND = 0V, TA = +25
oC, fs = 44.1kHz, DSDCLK64 = 64fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
DSDCLK64 cycle time
t64CY
354.3
ns
DSDCLK64 pulse width high
t64H
140
ns
DSDCLK64 pulse width low
t64L
140
ns
DSD[0:1] set-up time to
DSDCLK64 rising edge
tDSN
20
ns
DSD[0:1] hold time from
DSDCLK64 rising edge
tDHN
20
ns
Difference in edge timing of
DSD[0:1] to DSDCLK64
tDC
-10
10
ns
Table 3 DSD Audio Interface Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com