Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
WM8741
Product Preview
w
PP Rev 1.3 October 2007
48
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
[1:0]
DITHER[1:0]
10
ALU dither mode select:
00 = dither off
01 = RPDF dither applied in ALU
10 = TPDF dither applied in ALU
11 = HPDF dither applied in ALU
Note: DITHER[1:0] applies only to the dither mode in the ALU.
00 = Stereo
10 = Stereo reverse (left and right channels swapped)
01 = Mono left – differential outputs
VOUTLP is left channel.
VOUTLN is left channel inverted.
VOUTRP is left channel inverted.
VOUTRN is left channel.
[3:2]
DIFF[1:0]
00
11 = Mono right – differential outputs.
VOUTLP is right channel inverted.
VOUTLN is right channel.
VOUTRP is right channel.
VOUTRN is right channel inverted.
4
DOUT
0
Daisychaining Mode. Audio data output control:
0 = No audio data daisychaining
1 = Audio data output on pin 23
5
SDOUT
0
Daisychaining Mode. Control data output control:
0 = No control data daisychaining
1 = Control data output on pin 25
R8
Mode Control 2
08h
6
DSD_GAIN
0
DSD Plus gain control:
0 = Low gain, 1.4Vrms differential output level
1 = High gain, 2.0Vrms differential output level
Table 59 R8 Mode Control Register 2
REGISTER
ADDRESS
BITS
NAME
DEFAULT
DESCRIPTION
R9
Software reset
09h
[7:0]
RESET
00000000
Software reset. Writing to the register resets the entire chip, including
the register map.
Table 60 Software Reset Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com