Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
WM8741
Product Preview
w
PP Rev 1.3 October 2007
20
SOFTWARE CONTROL INTERFACE
The software control interface may be operated using a 2-wire or 3-wire (SPI-compatible) serial
interface. When operating under serial control, hardware configuration pins are ignored.
Note: DIFFHW will override all other pins, forcing the device into hardware control mode and
differential mode mode.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
Every rising edge of SCLK clocks in one bit of data on SDIN. A rising edge on CSB latches a
complete control word consisting of 16 bits. The 3-wire interface protocol is shown in Figure 9.
Figure 9 3-wire Serial Interface Protocol
Notes:
1.
A[6:0] are Control Address Bits
2.
D[7:0] are Control Data Bits
3.
D[8] is always set to zero
3-WIRE CONTROL INTERFACE DAISY CHAINING
In daisy chaining mode, SDOUT (pin 25) outputs control data sampled on SDIN with a delay of 16
SCLK cycles. This data signal can be used to control another WM8741 in a daisy chain circuit as
shown in Figure 10.
DAC #1
DAC #3
DAC #2
Figure 10 Control Interface Daisy Chaining Setup
To configure devices into daisy chain mode the CSB signal should be driven low while there is a
register write to set register bit SDOUT=1. CSB should then be driven high, this sets the first device
in daisy chain mode. CSB should then be driven low again while register bit SDOUT is set high.
Setting CSB high again will cause the first register write to be output to the second device from the
SDOUT pin, this sets the second device into daisy chain mode. This method must be repeated for
the number of devices in the chain until they are all set into daisy chain mode. Figure 11 shows the
protocol for configuring the first two devices in the daisy chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com