Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8741 Datasheet (PDF) - Cirrus Logic

WM8741 Datasheet PDF - Cirrus Logic
Part # WM8741
Download  WM8741 Download
File Size   898.98 Kbytes
Page   66 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-bit 192kHz DAC with Advanced Digital Filtering

WM8741 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8741 Datasheet PDF - Cirrus Logic

Part # WM8741
Download  WM8741 Click to download

File Size   898.98 Kbytes
Page   66 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 24-bit 192kHz DAC with Advanced Digital Filtering

WM8741 Datasheet (HTML) - Cirrus Logic


WM8741 Product details

DESCRIPTION
The WM8741 is a very high performance stereo DAC designed for audio applications such as professional recording systems, A/V receivers and high specification CD, DVD and home theatre systems. The device supports PCM data input word lengths from 16 to 32-bits and sampling rates up to 192kHz. The WM8741 also supports DSD bitstream data format, in both direct DSD and PCM-converted DSD modes.

FEATURES
• Advanced Ultra High Performance Multi-bit Sigma-Delta Architecture
    - 128dB SNR (‘A’-weighted mono @ 48kHz)
    - 125dB SNR (‘A’-weighted stereo @ 48kHz)
    - 123dB SNR (non-weighted stereo @ 48kHz)
    - -100dB THD @ 48kHz
    - Differential analogue voltage outputs
    - High tolerance to clock jitter
• PCM Mode
    - Sampling frequency: 32kHz to 192kHz
    - Input data word length support: 16 to 32-bit
    - Supports all standard audio interface formats
    - Selectable advanced digital filter responses
        - Includes linear/minimum phase and range of tailored characteristics
        - Enables low pre-ringing, minimal latency
    - Optional interface to industry standard external filters
    - Digital volume control in 0.125dB steps with soft ramp and soft mute
    - Anti-clipping mode to prevent distortion even with input signals recorded up to 0dB
    - Selectable de-emphasis support
    - Zero Flag output
• DSD Mode
    - DSD bit-stream support for SACD applications
    - Support for normal or phase modulated bit-streams
    - Direct or PCM converted DSD paths (DSD Plus)
    - DSD mute
• Hardware or software control modes:
    - 2 and 3 wire serial control interface support
• Pin compatible with WM8740
• 4.5V to 5.5V analogue, 3.15V to 3.6V digital supply operation
• 28-lead SSOP Package

APPLICATIONS
• Professional audio systems
• CD, DVD, SACD audio
• Home theatre systems
• A/V receivers




Similar Part No. - WM8741

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741 Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741GEDS/RV WOLFSON-WM8741GEDS/RV Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741GEDS/V WOLFSON-WM8741GEDS/V Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
More results


Similar Description - WM8741

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4394 AKM-AK4394 Datasheet
299Kb / 26P
ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
AK4395 AKM-AK4395 Datasheet
277Kb / 26P
ADVANCED MULTI-BIT 192KHZ 24-BIT DAC
logo
Cirrus Logic
CS43122 CIRRUS-CS43122 Datasheet
523Kb / 28P
122dB, 24-Bit, 192kHz DAC for Digital Audio
logo
Asahi Kasei Microsystem...
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
WM8741 WOLFSON-WM8741 Datasheet
903Kb / 63P
24-bit 192kHz DAC with Advanced Digital Filtering
WM8741 WOLFSON-WM8741_09 Datasheet
862Kb / 64P
24-bit 192kHz DAC with Advanced Digital Filtering
logo
Cirrus Logic
WM8742 CIRRUS-WM8742 Datasheet
2Mb / 66P
24-bit 192 kHz DAC with Advanced Digital Filtering
Rev 4.4 JAN 2020
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com