Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43122 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 4 Page - Cirrus Logic

  CS43122 Datasheet HTML 1Page - Cirrus Logic CS43122 Datasheet HTML 2Page - Cirrus Logic CS43122 Datasheet HTML 3Page - Cirrus Logic CS43122 Datasheet HTML 4Page - Cirrus Logic CS43122 Datasheet HTML 5Page - Cirrus Logic CS43122 Datasheet HTML 6Page - Cirrus Logic CS43122 Datasheet HTML 7Page - Cirrus Logic CS43122 Datasheet HTML 8Page - Cirrus Logic CS43122 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CS43122
4
1.
CHARACTERISTICS/SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25° C; Logic "1" = VD = 3 V; VA = 5.5 V;VREF=5.5 V Logic "0"
= DGND;Full-Scale Output Sine Wave, 997 Hz; MCLK = 12.288 MHz; SCLK = 3.072 MHz; Measurement Band-
width 10 Hz to 20 kHz, unless otherwise specified. Test load = RL = 1kΩ, CL = 10 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Dynamic Performance - Operational Mode 1 (Fs = 48 kHz)
Dynamic Range
(Note 1)
24-Bit
unweighted
A-Weighted
16-Bit
unweighted
(Note 2)
A-Weighted
TBD
TBD
-
-
119
122
95
98
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
(Note 2)
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-102
-99
-59
-95
-75
-35
TBD
TBD
TBD
-
-
-
dB
dB
dB
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com