Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43122 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS43122 Datasheet HTML 17Page - Cirrus Logic CS43122 Datasheet HTML 18Page - Cirrus Logic CS43122 Datasheet HTML 19Page - Cirrus Logic CS43122 Datasheet HTML 20Page - Cirrus Logic CS43122 Datasheet HTML 21Page - Cirrus Logic CS43122 Datasheet HTML 22Page - Cirrus Logic CS43122 Datasheet HTML 23Page - Cirrus Logic CS43122 Datasheet HTML 24Page - Cirrus Logic CS43122 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
CS43122
21
M4
M1
(DIF1)
M0
(DIF0)
DESCRIPTION
FORMAT
FIGURE
0
0
0
Left Justified, up to 24-bit data
0
20
00
1
I2S, up to 24-bit data
121
0
1
0
Right Justified, 16-bit Data
2
22
0
1
1
Right Justified, 24-bit Data
3
23
Table 4. Operational Mode 0 (16 to 55 kHz) Digital Interface Format Options
M4
M3
(DEM1)
M2
(DEM0)
DESCRIPTION
FIGURE
0
0
0
32 kHz De-Emphasis
19
0
0
1
44.1 kHz De-Emphasis
19
0
1
0
48 kHz De-Emphasis
19
0
1
1
De-Emphasis Disabled
-
Table 5. Operational Mode 0 (16 to 55 kHz) De-Emphasis Options
M4
M3
M2
M1
M0
DESCRIPTION
11100
Left Justified up to 24-bit data, Format 0
11101
I2S up to 24-bit data, Format 1
11110
Right Justified 16-bit data, Format 2
11111
Right Justified 24-bit data, Format 3
Table 6. Operational Mode 1 (45 to 105 kHz) Sample Rate Mode Options
M4
M3
M2
M1
M0
DESCRIPTION
11000
Left Justified up to 24-bit data, Format 0
11001
I2S up to 24-bit data, Format 1
11010
Right Justified 16-bit data, Format 2
11011
Right Justified 24-bit data, Format 3
Table 7. Operational Mode 2 (95 to 200 kHz) Sample Rate Mode Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com