Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43122 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS43122
Description  122dB, 24-Bit, 192kHz DAC for Digital Audio
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43122 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS43122 Datasheet HTML 9Page - Cirrus Logic CS43122 Datasheet HTML 10Page - Cirrus Logic CS43122 Datasheet HTML 11Page - Cirrus Logic CS43122 Datasheet HTML 12Page - Cirrus Logic CS43122 Datasheet HTML 13Page - Cirrus Logic CS43122 Datasheet HTML 14Page - Cirrus Logic CS43122 Datasheet HTML 15Page - Cirrus Logic CS43122 Datasheet HTML 16Page - Cirrus Logic CS43122 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
CS43122
13
3.
REGISTER DESCRIPTION
3.1
MODE CONTROL REGISTER (ADDRESS 01H)
4.11 Differential DC offset calibration (CAL)
Default = 0
0 - Disabled
1 - Enabled
Function:
Enabling this function will initiate a calibration to minimize the differential DC offset. This function will
be automatically reset following completion of the calibration sequence.
4.12 Soft Mute (MUTE)
Default = 0
0 - Disabled
1 - Enabled
Function:
The analog outputs will ramp to a muted state when enabled. The ramp requires 1152 left/right clock
cycles in Operational Mode 0, 2304 cycles in Operational Mode 1 and 4608 cycles in Operational
Mode 2 . The bias voltage on the outputs will be retained and MUTEC will go low at the completion
of the ramp period.
The analog outputs will ramp to a normal state when this function transitions from the enabled to dis-
abled state. The ramp requires 1152 left/right clock cycles in Operational Mode 0, 2304 cycles in Op-
erational Mode 1 and 4608 cycles in Operational Mode 2 . The MUTEC will go high immediately on
disabling of MUTE.
4.13 Mode Select (M4-M0)
Default = 00000
Function:
The Mode Select pins determine the operational mode of the device as detailed in Tables 4-7. The options
include:
Selection of the Digital Interface Format which determines the required relationship between the
Left/Right clock, serial clock and serial data as detailed in Figures 20-23
Selection of the standard 15
µs/50 µs digital de-emphasis filter response, Figure 28, which requires re-
configuration of the digital filter to maintain the proper filter response for 32, 44.1 or 48 kHz sample rates.
Selection of the appropriate operational clocking mode to match the input sample rates.
765
4321
0
CAL
MUTE
M4
M3
M2
M1
M0
PDN
00
0
0000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com