Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-TDA7514 Datasheet(PDF) 4 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 4 Page - STMicroelectronics

  E-TDA7514 Datasheet HTML 1Page - STMicroelectronics E-TDA7514 Datasheet HTML 2Page - STMicroelectronics E-TDA7514 Datasheet HTML 3Page - STMicroelectronics E-TDA7514 Datasheet HTML 4Page - STMicroelectronics E-TDA7514 Datasheet HTML 5Page - STMicroelectronics E-TDA7514 Datasheet HTML 6Page - STMicroelectronics E-TDA7514 Datasheet HTML 7Page - STMicroelectronics E-TDA7514 Datasheet HTML 8Page - STMicroelectronics E-TDA7514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
TDA7514
4/74
41
CHIMEIN
chime input
42
ACRIN
ac coupling right input
43
ACROUT
ac coupling right output
44
ACLIN
ac coupling left input
45
ACLOUT
ac coupling left output
46
PH+
phone in +
47
PH-
phone in -
48
PB_L
tape in left
49
PB_R
tape in right
50
AUXR
audio aux in right
51
AUXCOM
audio aux in common
52
AUXL
audio aux in left
53
TUNERIN
am audio/fm mpx input
54
TUNEROUT
am audio/fm mpx output
55
AUDIOMUTE
audio processor mute control
56
SD / IFCOUT / ARSOUT
am/fm station detector output / IF counter output / ARS MPX output
57
SDA
I2C bus data
58
SCL
I2C bus clock
59
SMETEROUT
filtered / unfiltered Smeter output
60
DEMGND
fm demodulator ground
61
AMIF2AMPIN
am if2 amp input
62
SMETERTC
am/fm smeter filtering capacitor
63
FMDEMREF
fm demodulator reference capacitor
64
AMIF2AMPREF
am if2 amp feedback capacitor
65
SNCTC
SNC detector time constant
66
AMAGC2TC
am agc2 filter capacitor
67
AMMIX2OUT-
am mix2 output
68
AMMIX2OUT+
am mix2 output
69
FMMIX2IN-
fm mix2 input
70
FMMIX2IN+
fm mix2 input
71
FMIFAMP2OUT
fm if1 amp2 output
72
FMIFAMP2IN
fm if1 amp2 input
73
TUNVCC
tuner general supply (8V)
74
FMIFAMPREF/AMIF2REF
fm if1 amps reference capacitor/am if2 reference voltage
75
FMIFAMP1OUT
fm if1 amp1 output
76
FMIFAMP1IN/AMMIX2IN
fm if1 amp1 input/am mix2 in
77
IF1GND
if1 ground
78
MIX1OUT-
am/fm mix1 output
79
MIX1OUT+
am/fm mix1 output
80
IF1VCC
if1 supply (8V)
Table 2. Pin Description
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com