Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E-TDA7514 Datasheet(PDF) 46 Page - STMicroelectronics

Part # E-TDA7514
Description  SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-TDA7514 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button E-TDA7514 Datasheet HTML 42Page - STMicroelectronics E-TDA7514 Datasheet HTML 43Page - STMicroelectronics E-TDA7514 Datasheet HTML 44Page - STMicroelectronics E-TDA7514 Datasheet HTML 45Page - STMicroelectronics E-TDA7514 Datasheet HTML 46Page - STMicroelectronics E-TDA7514 Datasheet HTML 47Page - STMicroelectronics E-TDA7514 Datasheet HTML 48Page - STMicroelectronics E-TDA7514 Datasheet HTML 49Page - STMicroelectronics E-TDA7514 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 74 page
background image
TDA7514
46/74
Table 44. SUBADDRESS 28 : Smeter slider, External WB, testing
Table 45. SUBADDRESS 29: AM stop station, AM IF 2 Amplifier Gain
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Smeter slider FM
AM
000
00
0
0 mV
0 mV
000
00
1
+46 mV
+39 mV
----
--
-
-
0
1
1
1
1
1
+1420 mV
+1215 mV
100
00
0
0 mV
0 mV
1
0
0
0
0
1
-46 mV
-39 mV
----
--
-
-
1
1
1
1
1
1
-1420 mV
-1215 mV
External WB filter on
0
std FM (no ext. WB filter)
1
external WB filter enabled; must also program
ISS on APSDlatch 23 bit 1 = 1
FM demod Vout test
0std
1
test; disconnect FM demod Vout from users
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
AM Stop Station threshold
0
0
0
0
300 mV
0
0
0
1
450 mV
0
0
1
0
600 mV
----
1
1
1
1
2550 mV
AM IF AMP Gain (AM mode)
[dB]
FM demodulator input
connection (bit 5)
0
0
0
0
Not used (31.1)
450 kHz limiter
0
0
1
0
67.6
stereo dec. 456 kHz VCO (test)
0
1
0
0
70.6
450 kHz limiter
0
1
1
0
74.7
stereo dec. 456 kHz VCO (test)
10
00
72.2
…
10
10
75.6
…
11
00
76.9
…
11
10
78.8
…
00
01
75.3
…
00
11
77.7
…
01
01
78.7
…
01
11
80.2
…
10
01
79.3
…
10
11
80.7
…
11
01
81.3
…
11
11
82.3
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com