Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ6P Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32L4R5VGJ6P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ6P Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32L4R5VGJ6P Datasheet HTML 56Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 57Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 58Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 59Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 60Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 61Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 62Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 63Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 306 page
background image
Functional overview
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
60/306
DocID030321 Rev 3
The CAN peripheral supports:
•
CAN protocol version 2.0 A, B Active
•
Bit rates of up to 1 Mbit/s
•
Transmission
–
Three transmit mailboxes
–
Configurable transmit priority
•
Reception
–
Two receive FIFOs with three stages
–
Scalable filter banks: 28 filter banks
–
Identifier list feature
–
Configurable FIFO overrun
•
Time-triggered communication option
–
Disable automatic retransmission mode
–
16-bit free running timer
–
Time Stamp sent in last two data bytes
•
Management
–
Maskable interrupts
–
Software-efficient mailbox mapping at a unique address space
3.38
Secure digital input/output and MultiMediaCards Interface
(SDMMC)
The SD/SDIO, MultiMediaCard (MMC) host interface (SDMMC) provides an interface
between the AHB bus and SD memory cards, SDIO cards and MMC devices.
The SDMMC features include the following:
•
Full compliance with MultiMediaCard System Specification Version 4.51. Card support
for three different databus modes: 1-bit (default), 4-bit and 8-bit
•
Full compatibility with previous versions of MultiMediaCards (backward compatibility)
•
Full compliance with SD Memory Card Specifications Version 4.1. (SDR104
SDMMC_CK speed limited to maximum allowed IO speed, SPI mode and UHS-II mode
not supported)
•
Full compliance with SDIO Card Specification Version 4.0: card support for two different
databus modes: 1-bit (default) and 4-bit. (SDR104 SDMMC_CK speed limited to
maximum allowed IO speed, SPI mode and UHS-II mode not supported)
•
Data transfer up to 104 Mbyte/s for the 8-bit mode (depending maximum allowed IO
speed)
•
Data and command output enable signals to control external bidirectional drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com