Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VGJ6P Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32L4R5VGJ6P
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VGJ6P Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32L4R5VGJ6P Datasheet HTML 13Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 14Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 15Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 16Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 17Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 18Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 19Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 20Page - STMicroelectronics STM32L4R5VGJ6P Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 306 page
background image
DocID030321 Rev 3
17/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Description
64
Figure 1. STM32L4R5xx, STM32L4R7xx and STM32L4R9xx block diagram
Note:
AF: alternate function on I/O pins.
MSv49327V1
USB
OTG
Flash
up to
2 MB
Flexible static memory controller (FSMC):
SRAM, PSRAM, NOR Flash, NAND Flash
GPIO PORT A
AHB/APB2
EXT IT. WKUP
114 AF
PA[15:0]
TIM1 / PWM
3 compl. channels (TIM1_CH[1:3]N),
4 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
USART1
RX, TX, CK,CTS,
RTS as AF
SPI1
MOSI, MISO,
SCK, NSS as AF
MOSI, MISO, SCK, NSS as AF
DAC1_OUT
ITF
WWDG
RTC_TS
OSC32_IN
OSC32_OUT
VDDA, VSSA
VDD, VSS, NRST
smcard
irDA
16b
SDIO / MMC
D[7:0]
CMD, CK as AF
VBAT = 1.55 to 3.6 V
SCL, SDA, SMBA as AF
JTAG & SW
ARM Cortex-M4
120 MHz
FPU
NVIC
ETM
MPU
TRACECLK
TRACED[3:0]
DMA2
CLK, NE[4:1], NL, NBL[1:0],
A[25:0], D[15:0], NOE, NWE,
NWAIT, NCE, INT as AF, FRAM
RNG
DP
DM
ID, VBUS, SOF
@ VDDA
BOR
Supply
supervision
PVD, PVM
Int
reset
XTAL 32 kHz
MAN A G T
RTC
Standby
interface
IWDG
@VBAT
@ VDD
@VDD
AWU
Reset & clock
control
VDD = 1.71 to 3.6 V
VSS
Voltage
regulator
3.3 to 1.2 V
VDD
Power management
@ VDD
RTC_TAMPx
Backup register
TIM15
2 channels,
1 compl. channel, BKIN as AF
DAC1
DAC2
TIM6
TIM7
TIM2
TIM3
TIM4
TIM5
USART2
USART3
I2C1/SMBUS
D-BUS
SRAM 192 KB
SRAM 64 KB
NJTRST, JTDI,
JTCK/SWCLK
JTDO/SWD, JTDO
I-BUS
S-BUS
DMA1
PB[15:0]
PC[15:0]
PD[15:0]
PE[15:0]
PF[15:0]
PG[15:0]
PH[15:0]
GPIO PORT B
GPIO PORT C
GPIO PORT D
GPIO PORT E
GPIO PORT F
GPIO PORT G
GPIO PORT H
TIM8 / PWM
16b
16b
TIM16
16b
TIM17
16b
3 compl. Channels (TIM1_CH[1:3]N),
4 channels (TIM1_CH[1:4]),
ETR, BKIN, BKIN2 as AF
1 channel,
1 compl. channel, BKIN as AF
1 channel,
1 compl. channel, BKIN as AF
DAC2_OUT
16b
16b
SCL, SDA, SMBA as AF
SCL, SDA, SMBA as AF
MOSI, MISO, SCK, NSS as AF
RX, TX, CTS, RTS as AF
RX, TX, CTS, RTS as AF
RX, TX, CK, CTS, RTS as AF
RX, TX, CK, CTS, RTS as AF
smcard
irDA
smcard
irDA
32b
16b
16b
32b
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
4 channels, ETR as AF
AHB/APB1
OSC_IN
OSC_OUT
XTAL OSC
4- 16MHz
8 analog inputs common to the ADC
VREF+
US AR T 2 M B p s
Temperature sensor
SAI1
MCLK_A, SD_A, FS_A, SCK_A, EXTCLK
MCLK_B, SD_B, FS_B, SCK_B as AF
SAI2
MCLK_A, SD_A, FS_A, SCK_A, EXTCLK
MCLK_B, SD_B, FS_B, SCK_B as AF
DFSDM
SDCKIN[7:0], SDDATIN[7:0],
SDCKOUT,SDTRIG as AF
Touch sensing controller
8 Groups of 4 channels max as AF
OUT, INN, INP
LPUART1
LPTIM1
LPTIM2
RX, TX, CTS, RTS as AF
IN1, IN2, OUT, ETR as AF
IN1, OUT, ETR as AF
RC HSI
RC LSI
PLL 1&2&3
MSI
Octo SPI1 memory interface
IO[7:0],
CLK, NCS. DQS
@ VDDUSB
COMP1
INP, INN, OUT
COMP2
INP, INN, OUT
@ VDDA
RTC_OUT
VDDIO, VDDUSB
CRC
OUT, INN, INP
I2C2/SMBUS
I2C3/SMBUS
OpAmp1
SPI3
SPI2
UART5
UART4
AHB2 120 MHz
OpAmp2
@VDDA
Firewall
VREF Buffer
@ VDDA
@ VDD
Camera Interface
HSYNC, VSYNC,
PIXCLK, D[13:0]
CHROM-ART
DMA2D
PI[11:0]
GPIO PORT I
TX, RX as AF
bxCAN1
SCL, SDA, SMBA as AF
I2C4/SMBUS
Octo SPI2 memory interface
LCD - TFT
SRAM 384 KB
ITF
ADC1
@ VDDA
DSI Host
DSI_D0 P/N
DSI_D1 P/N
DSI_CK P/N
VDD12DSI, VDDSI, VSSDSI
VCAPDSI
DSI_TE
LCD_R[7:0], LCD_G[7:0], LCD_B[7:0],
LCD_HSYNC, LCD_VSYNC, LCD_DE,
LCD_CLK
Chrom-GRC
(GFXMMU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com