Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS322700 Datasheet(PDF) 7 Page - Amphenol PCD, Inc

Part # SJS322700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS322700 Datasheet(HTML) 7 Page - Amphenol PCD, Inc

Back Button SJS322700 Datasheet HTML 3Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 4Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 5Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 9Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 10Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 11Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Socket Junction Modules
Amphenol Pcd
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Drive Beverly, MA 01915
M81714/61 Series II
Distribution Socket Junction Modules
Amphenol Pcd Socket Junction Modules
Materials
Module Body:
Polyetherimide per ASTM-D5205
Grommet:
Silicone Blend Elastomer per A-A-59588
Contact Retainers:
Stainless Steel
Internal Pin and Socket Contacts:
Copper Alloy, Hard Gold Plated in
Accordance with MIL-G-45204
Operating Range
Temperature:
-65ºC to 200ºC
Insulation Resistance:
5000 Megaohms @ 25ºC
Dielectric Withstanding Voltage:
1500 VRMS at Sea Level
200 VRMS at 110,000 ft.
Current Rating
5 Amps (Size 22)
7.5 Amps (Size 20)
13 Amps (Size 16)
23 Amps (Size 12)
Vibration & Shock:
MIL-T-81714 Paragraph
3.5.5 and 3.5.8
Front View
Side View
Contact
Military P/N
APCD P/N
QTY
Size
P/N M39029
Bussing
Configurations
M81714/61-0Z
M81714/61-0X
M81714/61-0Y
SJM000100
SJM000200
SJM000800
Part Numbers
.672
1.020
1.047
MAX
M81714/61-0W
SJM000500
1 BUS
TWO SIZE 12 &
SIX SIZE 16
1 BUS
TWO SIZE 16 &
SIX SIZE 20
2 BUSSES
ONE SIZE 12 &
THREE SIZE 16 PER BUS
5 BUSSES
ONE SIZE 22 & ONE SIZE 20
& ONE SIZE 16 PER BUS
Bus Description
M81714/61-0Y
M81714/61-0Y
.510
.920
MAX
.672
M81714/61-0Z, M81714/61-0X, M81714/61-0W
M81714/61-0Z, M81714/61-0X, M81714/61-0W
Distribution Socket Junction Modules are
available in a variety of MIL-T-81714
configurations, feature the same construction
and features as the standard Series II high
density modules, and are recommended for
power distribution applications
6
2
6
2
6
2
5
5
5
/22-193
/22-605
/22-192
/22-193
/22-193
/22-605
/22-191
/22-192
/22-193
16
12
20
16
16
12
22
20
16
Product Description
Bussing
Socket Junction Module Dimensions
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com