Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS322700 Datasheet(PDF) 11 Page - Amphenol PCD, Inc

Part # SJS322700
Description  Socket Junction Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

SJS322700 Datasheet(HTML) 11 Page - Amphenol PCD, Inc

Back Button SJS322700 Datasheet HTML 6Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 7Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 8Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 9Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 10Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 11Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 12Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 13Page - Amphenol PCD, Inc SJS322700 Datasheet HTML 14Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Socket Junction Modules
Amphenol Pcd
www.amphenolpcd.com
Milaero@amphenolpcd.com
1-978-624-3400
72 Cherry Hill Drive Beverly, MA 01915
Component
Quantity
Circuit Diagram
SJE020001
SJE020290
SJE020017
SJE020022
SJE020045
SJE020006
SJE020008
SJE020009
SJE020016
SJE020003
APCD P/N
Diode
Diode
Diode
Resistor
Diode
Diode
Resistor
Diode
Diode
Resistor
5
4
2
5
5
5
4
5
5
2
SJE020297
Fuse
5
Electronic Socket Junction Modules
SJE Component Modules
Materials
Insulator Body:
Polyethermide per ASTM-D-5205
Grommet:
Silicone Rubber per A-A-59588
Internal Contact:
Copper Alloy, Gold Finish
per SAE-AMS-MIL-G-45204
Operating Range
Temperature:
-65ºC to 200ºC
Insulation Resistance:
5000 Megaohms Min.
Dielectric Withstanding Voltage:
1500 VRMS at Sea Level
200 VRMS at 100,000 ft.
Vibration & Shock:
Per MIL-T-81714
Paragraph 3.5.5 & 3.5.8
Junction Module Dimensions
Electronic Socket Junction Modules
1.170 MAX
1.02
.672
Side View
Top View
Amphenol Pcd’s Electronic Socket Junction
Modules are available with a variety of compo-
nents and in a wide range of configurations.
Components available include, but are not limited
to, diodes, resistors, fuses, thyristors, and
inductors, and are also available with multiple
components within one module. There are new
configurations produced regularly and customized
components are also available.
Product Descriptions
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com