Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2702IP Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2702IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2702IP Datasheet(HTML) 2 Page - Texas Instruments

  TLV2702IP Datasheet HTML 1Page - Texas Instruments TLV2702IP Datasheet HTML 2Page - Texas Instruments TLV2702IP Datasheet HTML 3Page - Texas Instruments TLV2702IP Datasheet HTML 4Page - Texas Instruments TLV2702IP Datasheet HTML 5Page - Texas Instruments TLV2702IP Datasheet HTML 6Page - Texas Instruments TLV2702IP Datasheet HTML 7Page - Texas Instruments TLV2702IP Datasheet HTML 8Page - Texas Instruments TLV2702IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TLV2702
TLV2704
SLOS340B – DECEMBER 2000 – REVISED AUGUST 2001
2
www.ti.com
A SELECTION OF OUTPUT COMPARATORS†
DEVICE
VCC
(V)
VIO
(
µV)
ICC/Ch
(
µA)
GBW
(kHz)
SR
(V/
µs)
tPLH
(
µs)
tPHL
(
µs)
tf
(
µs)
RAIL-TO-
RAIL
OUTPUT
STAGE
TLV270x
2.5 – 16
390
1.4‡
5.5
0.0025
56
83
8
I/O
PP
TLV230x
2.5 – 16
390
1.4‡
5.5
0.0025
55
30
5
I/O
OD
TLV240x
2.5 – 16
390
880
5.5
0.0025
—
—
—
I/O
—
TLV224x
2.5 – 12
600
1
5.5
0.002
—
—
—
I/O
—
TLV340x
2.5 – 16
250
0.47
—
—
55
30
5
I
OD
TLV370x
2.5 – 16
250
0.56
—
—
56
83
8
I
PP
† All specifications are typical values measured at 5 V.
‡ ICC is specified as one op-amp and one comparator.
TLV2702 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
SMALL OUTLINE†
MSOP
PLASTIC DIP
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
MSOP†
(DGK)
SYMBOLS
PLASTIC DIP
(P)
-40
°C to 125°C
4000
µV
TLV2702ID
TLV2702IDGK
xxTIAQF
TLV2702IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g.,
TLV2702IDR).
TLV2704 AVAILABLE OPTIONS
V
max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE†
(D)
TSSOP
(PW)
PLASTIC DIP
(N)
– 40
°C to 125°C
4000
µV
TLV2704ID
TLV2704IPW
TLV2704IN
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part
number (e.g., TLV2704IDR).
TLV270x PACKAGE PINOUTS
1
2
3
4
8
7
6
5
AOUT
AIN –
AIN +
GND
VCC
COUT
CIN –
CIN+
TLV2702
D, DGK, OR P PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
C1OUT
C1IN –
C1IN+
VCC
C2IN+
C2IN –
C2OUT
A2OUT
A2IN –
A2IN+
GND
A1IN+
A1IN –
A1OUT
(TOP VIEW)
TLV2704
D, N, OR PW PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com