Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2702IP Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2702IP
Description  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2702IP Datasheet(HTML) 5 Page - Texas Instruments

  TLV2702IP Datasheet HTML 1Page - Texas Instruments TLV2702IP Datasheet HTML 2Page - Texas Instruments TLV2702IP Datasheet HTML 3Page - Texas Instruments TLV2702IP Datasheet HTML 4Page - Texas Instruments TLV2702IP Datasheet HTML 5Page - Texas Instruments TLV2702IP Datasheet HTML 6Page - Texas Instruments TLV2702IP Datasheet HTML 7Page - Texas Instruments TLV2702IP Datasheet HTML 8Page - Texas Instruments TLV2702IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TLV2702
TLV2704
SLOS340B – DECEMBER 2000 – REVISED AUGUST 2001
5
www.ti.com
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted) (continued)
amplifier output characteristics
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V2 7 V
25
°C
2.55
2.65
VCC = 2.7 V
Full range
2.5
V
High level output voltage
VIC = VCC/2,
V5 V
25
°C
4.85
4.95
V
VOH
High-level output voltage
VIC = VCC/2,
IOH = –50 µA
VCC = 5 V
Full range
4.8
V
OH
V15 V
25
°C
14.8
14.95
VCC = 15 V
Full range
14.8
V
Low level output voltage
V
V
/2
I
50 A
25
°C
180
260
mV
VOL
Low-level output voltage
VIC = VCC/2, IOL = 50 µA
Full range
300
mV
IO
Output current
VO = 0.5 V from rail
25
°C
±200
µA
ZO
Closed-loop output impedance
f = 100 Hz,
AV = 10
25
°C
1.2
k
Ω
† Full range is –40
°C to 125°C.
amplifier dynamic performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 500 kΩ,
CL = 100 pF
25
°C
5.5
kHz
SR
Slew rate at unity gain
VO(pp) = 0.8 V,
RL = 500 kΩ,
CL = 100 pF
25
°C
2.5
V/ms
φM
Phase margin
R
500 k
Ω
C
100 pF
25
°C
60
°
Gain margin
RL = 500 kΩ,CL = 100 pF
25
°C
15
dB
t
Settling time
VCC = 2.7 or 5 V,
V(STEP)PP = 1 V, CL = 100 pF,
AV = –1,
RL = 100 kΩ
0.1%
25
°C
1.84
ms
ts
Settling time
VCC = 15 V,
V(STEP)PP 1V CL 100 pF
0.1%
25
°C
6.1
ms
V(STEP)PP = 1 V, CL = 100 pF,
AV = –1,
RL = 100 kΩ
0.01%
32
V
Equivalent input noise
f = 0.1 to 10 Hz
25
°C
5.3
µVpp
Vn
Equivalent in ut noise
voltage
f = 100 Hz
25
°C
500
nV/
√Hz
In
Equivalent input noise
current
f = 100 Hz
25
°C
8
fA/
√Hz
supply current
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
Sl
t (
d
VCC = 2.7 V or 5 V
25
°C
1.4
ICC
Supply current (one op-amp and one
comparator)
VO = VCC/2
V15 V
25
°C
1.4
1.9
µA
ICC
comparator)
VO VCC/2
VCC = 15 V
Full range
3.7
µA
Reverse supply current
VCC = –18 V, VI = 0 V, VO = open
25
°C
50
nA
† Full range is –40
°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com