Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5535IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV5535IPWR
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5535IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5535IPWR Datasheet HTML 4Page - Texas Instruments TLV5535IPWR Datasheet HTML 5Page - Texas Instruments TLV5535IPWR Datasheet HTML 6Page - Texas Instruments TLV5535IPWR Datasheet HTML 7Page - Texas Instruments TLV5535IPWR Datasheet HTML 8Page - Texas Instruments TLV5535IPWR Datasheet HTML 9Page - Texas Instruments TLV5535IPWR Datasheet HTML 10Page - Texas Instruments TLV5535IPWR Datasheet HTML 11Page - Texas Instruments TLV5535IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
D0–D7
N–4
N–3
N–2
N–1
N
N+1
N
N+1
N+2
N+3
N+4
N+5
tj(a)
td(a)
VIL
(max)
1.5 V
tw(CLKH)
tw(CLKL)
1/fCLK
th(o)
1.5 V
td(o)
tdis
ten
CLK
OE
90%
10%
VIH(min)
td(pipe)
VOH(min)
VOL(max)
VIL(max)
VIH
(min)
Figure 1. Timing Diagram
TYPICAL CHARACTERISTICS
performance plots at 25
°C
–0.2
–0.1
0.0
0.1
0.2
0
50
100
150
200
250
ADC Code
Figure 2. DNL vs Input Code at 35 MSPS (with external reference, PW Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com