Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5535IPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV5535IPWR
Description  8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV5535IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV5535IPWR Datasheet HTML 9Page - Texas Instruments TLV5535IPWR Datasheet HTML 10Page - Texas Instruments TLV5535IPWR Datasheet HTML 11Page - Texas Instruments TLV5535IPWR Datasheet HTML 12Page - Texas Instruments TLV5535IPWR Datasheet HTML 13Page - Texas Instruments TLV5535IPWR Datasheet HTML 14Page - Texas Instruments TLV5535IPWR Datasheet HTML 15Page - Texas Instruments TLV5535IPWR Datasheet HTML 16Page - Texas Instruments TLV5535IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TLV5535
8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
SLAS221 – JUNE 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The TLV5535 implements a high-speed 35 MSPS converter in a cost-effective CMOS process. Powered from
3.3 V, the single-pipeline design architecture ensures low-power operation and 8-bit accuracy. Signal input and
clock signals are all single-ended. The digital inputs are 3.3-V TTL / CMOS compatible. Internal voltage
references are included for both bottom and top voltages. Therefore the converter forms a self-contained
solution. Alternatively, the user may apply externally generated reference voltages. In doing so, both input offset
and input range can be modified to suit the application.
A high-speed sampling-and-hold captures the analog input signal. Multiple stages generate the output code with
a pipeline delay of 4.5 CLK cycles. Correction logic combines the multistage data and aligns the 8-bit output
word. All digital logic operates at the rising edge of CLK.
analog input
A first-order approximation for the equivalent analog input circuit of the TLV5535 is shown in Figure 12. The
equivalent input capacitance CI is 4 pF typical. The input must charge/discharge this capacitance within the
sample period of one half clock cycle. When a full-scale voltage step is applied, the input source provides the
charging current through the switch resistance RSW (200 Ω) of S1 and quickly settles. In this case, the input
impedance is low. Alternatively, when the source voltage equals the value previously stored on CI, the hold
capacitor requires no input current and the equivalent input impedance is very high.
To maintain the frequency performance outlined in the specifications, the total source impedance should be
limited to about 80
Ω, as follows from the equation with fCLK = 35 MHz, CI = 4 pF, RSW = 200 Ω:
R
S t
1
÷ 2f
CLK
C
I
In(256) –R
SW
The source impedance is approximatly 450
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com