Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC393/339 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC393/339
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC393/339 Datasheet(HTML) 2 Page - Texas Instruments

  TLC393/339 Datasheet HTML 1Page - Texas Instruments TLC393/339 Datasheet HTML 2Page - Texas Instruments TLC393/339 Datasheet HTML 3Page - Texas Instruments TLC393/339 Datasheet HTML 4Page - Texas Instruments TLC393/339 Datasheet HTML 5Page - Texas Instruments TLC393/339 Datasheet HTML 6Page - Texas Instruments TLC393/339 Datasheet HTML 7Page - Texas Instruments TLC393/339 Datasheet HTML 8Page - Texas Instruments TLC393/339 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLV3701-Q1
TLV3702-Q1
TLV3704-Q1
SGLS154E − NOVEMBER 2000 − REVISED MAY 2010
2
www.ti.com
DESCRIPTION (continued)
The TLV370x has a minimum operating supply voltage of 2.7 V over the extended automotive temperature range
(TA = −40°C to 125°C), while having an input common-mode range of −0.1 to VCC + 5 V. The low supply current makes
it an ideal choice for low power applications where quiescent current is the primary concern. Reverse battery
protection guards the amplifier from an over-current condition due to improper battery installation. For harsh
environments, the inputs can be taken 5 V above the positive supply rail without damage to the device.
Devices are available in SOIC with the singles in the small SOT-23 package. Other package options may be made
available upon request.
A SELECTION OF OUTPUT COMPARATORS†
DEVICE
VCC
(V)
VIO
(
µV)
ICC/Ch
(
µA)
IIB
(pA)
tPLH
(
µs)
tPHL
(
µs)
tf
(
µs)
tr
(
µs)
RAIL-TO-
RAIL
OUTPUT
STAGE
TLV370x
2.5 − 16
250
0.56
80
56
83
22
8
I
PP
TLV340x
2.5 − 16
250
0.47
80
55
30
5
−
I
OD
TLC3702/4
3 − 16
1200
9
5
1.1
0.65
0.5
0.125
−
PP
TLC393/339
3 − 16
1400
11
5
1.1
0.55
0.22
−
−
OD
TLC372/4
3 − 16
1000
75
5
0.65
0.65
−
−
−
OD
† All specifications are typical values measured at 5 V.
TLV3701 AVAILABLE OPTIONS†
V max
PACKAGED DEVICES‡
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
SOT-23
(DBV)¶
SYMBOL
-40
°C to 125°C
5000
µV
TLV3701QDRQ1§
TLV3701QDBVRQ1
VBCQ
† For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see
the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
§ Product Preview
¶ This package is only available taped and reeled with standard quantities of 3000 pieces per reel.
TLV3702 AVAILABLE OPTIONS
V max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
SYMBOL
−40
°C to 125°C
5000
µV
TLV3702QDRQ1
3702Q1
TLV3704 AVAILABLE OPTIONS
V max
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
−40
°C to 125°C
5000
µV
TLV3704QDRQ1†
† Product Preview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com