Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC393/339 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC393/339
Description  FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC393/339 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC393/339 Datasheet HTML 2Page - Texas Instruments TLC393/339 Datasheet HTML 3Page - Texas Instruments TLC393/339 Datasheet HTML 4Page - Texas Instruments TLC393/339 Datasheet HTML 5Page - Texas Instruments TLC393/339 Datasheet HTML 6Page - Texas Instruments TLC393/339 Datasheet HTML 7Page - Texas Instruments TLC393/339 Datasheet HTML 8Page - Texas Instruments TLC393/339 Datasheet HTML 9Page - Texas Instruments TLC393/339 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLV3701-Q1
TLV3702-Q1
TLV3704-Q1
SGLS154E − NOVEMBER 2000 − REVISED MAY 2010
6
www.ti.com
TYPICAL CHARACTERISTICS
−200
0
200
400
600
800
1000
1200
−40
−10
20 35
65
125
INPUT BIAS/OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
IIB
IIO
VCC = 15 V
Figure 1
−25
5
50
80 95 110
Figure 2
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VCC = 2.7 V
VID = −1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = −40°C
Figure 3
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
0
0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4
VCC = 2.7 V
VID = −1 V
TA = 125°C
TA = 25°C
TA = 70°C
0.45
TA = 0°C
TA = −40°C
Figure 4
0
2
2.5
3
3.5
4.5
5
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
0.5
1
1.5
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
VCC = 5 V
VID = −1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = −40°C
4
Figure 5
0
2
2.5
3
3.5
4.5
5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
IOH − High-Level Output Current − mA
0.5
1
1.5
0
0.2 0.4
0.6 0.8 1.0 1.2
1.4
TA = 125°C
TA = 70°C
4
1.6 1.8
VCC = 5 V
VID = −1 V
TA = 25°C
TA = −40°C
TA = 0°C
Figure 6
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
IOL − Low-Level Output Current − mA
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
012
34
567
89
VCC = 15 V
VID = −1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = −40°C
Figure 7
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
0
1.5
3
4.5
6
7.5
9
10.5
12
13.5
15
012
34
567
89
VCC = 15 V
VID = −1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = −40°C
IOH − High-Level Output Current − mA
Figure 8
600
100
0
VCC − Supply Voltage − V
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
200
300
400
500
700
800
2
4
6
8
10
12
14
VID = −1 V
TA = 125°C
TA = 25°C
TA = 70°C
TA = 0°C
TA = −40°C
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com