Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP105 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP105
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP105 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP105 Datasheet HTML 8Page - Texas Instruments TMP105 Datasheet HTML 9Page - Texas Instruments TMP105 Datasheet HTML 10Page - Texas Instruments TMP105 Datasheet HTML 11Page - Texas Instruments TMP105 Datasheet HTML 12Page - Texas Instruments TMP105 Datasheet HTML 13Page - Texas Instruments TMP105 Datasheet HTML 14Page - Texas Instruments TMP105 Datasheet HTML 15Page - Texas Instruments TMP105 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BUF)
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
P
S
S
P
Frame1Two-WireSlaveAddressByte
Frame2PointerRegisterByte
Frame4DataByte2
1
StartBy
Master
ACKBy
TMP105
ACKBy
TMP105
ACKBy
TMP105
StopBy
Master
1
9
1
1
D7
D6
D5
D4
D3
D2
D1
D0
9
Frame3DataByte1
ACKBy
TMP105
1
D7
SDA
(Continued)
SCL
(Continued)
D6
D5
D4
D3
D2
D1
D0
9
9
SDA
SCL
0
0
1
0
0
A0
R/W
0
0
0
0
0
0
P1
P0
¼
¼
TMP105
SLLS648D
– FEBRUARY 2005 – REVISED SEPTEMBER 2011
www.ti.com
Table 12. Timing Diagram Definitions for the TMP105
FAST MODE
PARAMETER
UNITS
MIN
MAX
SCL Operating Frequency
f(SCL)
1
400
kHz
Bus Free Time Between STOP and START Condition
t(BUF)
600
ns
Hold time after repeated START condition.
t(HDSTA)
100
ns
After this period, the first clock is generated.
Repeated START Condition Setup Time
t(SUSTA)
100
ns
STOP Condition Setup Time
t(SUSTO)
100
ns
Data Hold Time
t(HDDAT)
0
ns
Data Setup Time
t(SUDAT)
100
ns
SCL Clock LOW Period
t(LOW)
1300
ns
SCL Clock HIGH Period
t(HIGH)
600
ns
Clock/Data Fall Time
tF
300
ns
Clock/Data Rise Time
300
ns
tR
1000
ns
for SCLK
≤ 100kHz
TWO-WIRE TIMING DIAGRAMS
Figure 4. Two-Wire Timing Diagram
Figure 5. Two-Wire Timing Diagram for TMP105 Write Word Format
12
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TMP105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com