Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFR Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP103CYFFR
Description  TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP103CYFFR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP103CYFFR Datasheet HTML 12Page - Texas Instruments TMP103CYFFR Datasheet HTML 13Page - Texas Instruments TMP103CYFFR Datasheet HTML 14Page - Texas Instruments TMP103CYFFR Datasheet HTML 15Page - Texas Instruments TMP103CYFFR Datasheet HTML 16Page - Texas Instruments TMP103CYFFR Datasheet HTML 17Page - Texas Instruments TMP103CYFFR Datasheet HTML 18Page - Texas Instruments TMP103CYFFR Datasheet HTML 19Page - Texas Instruments TMP103CYFFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
SCL
SDA
GND
V+
C
F
10nF
³
R
F
5k
£
W
SupplyVoltage
TMP103
16
TMP103
SBOS545D – FEBRUARY 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP103
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
NOTE
If the bus contains an incomplete sequence of TMP103 device addresses, the master
must transmit all required dummy bytes for the missing device address to allow for normal
MDA read operation. For example, if the TMP103A, TMP103B, and TMP103D devices are
on the bus, the master must transmit an MDA read address followed by four bytes and
four acknowledges to complete the MDA read transaction.
7.5.15 NOISE
The TMP103 is a very low-power device and generates very low noise on the supply bus. Applying an RC filter
to the V+ pin of the TMP103 can further reduce any noise the TMP103 might propagate to other components. RF
in Figure 14 should be less than 5 k
Ω and CF should be greater than 10 nF.
Figure 14. Noise Reduction
7.6 Register Maps
7.6.1 Pointer Register
Figure 15 shows the internal register structure of the TMP103. The 8-bit Pointer Register of the device is used to
address a given data register. The Pointer Register uses the two LSBs to identify which of the data registers
should respond to a read or write command. Table 3 identifies the bits of the Pointer Register byte. During a
write command, P2 through P7 must always be 0. Table 4 describes the pointer address of the registers
available in the TMP103. Power-up reset value of P1/P0 is 00. By default, the TMP103 reads the temperature on
power up.
Figure 15. Internal Register Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com