Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFR Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP103CYFFR
Description  TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP103CYFFR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP103CYFFR Datasheet HTML 14Page - Texas Instruments TMP103CYFFR Datasheet HTML 15Page - Texas Instruments TMP103CYFFR Datasheet HTML 16Page - Texas Instruments TMP103CYFFR Datasheet HTML 17Page - Texas Instruments TMP103CYFFR Datasheet HTML 18Page - Texas Instruments TMP103CYFFR Datasheet HTML 19Page - Texas Instruments TMP103CYFFR Datasheet HTML 20Page - Texas Instruments TMP103CYFFR Datasheet HTML 21Page - Texas Instruments TMP103CYFFR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
TMP103
SBOS545D – FEBRUARY 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP103
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
7.6.3 Configuration Register
The Configuration Register is an eight-bit read/write register used to store bits that control the operational modes
of the temperature sensor. Read/write operations are performed MSB first. The format and power-up and reset
value of the Configuration Register is shown in Table 7. All registers are updated at the end of the data byte.
Table 7. Configuration and Power-Up and Reset Format
D7
D6
D5
D4
D3
D2
D1
D0
ID
CR1
CR0
FH
FL
LC
M1
M0
0
0
0
0
0
0
1
0
7.6.4 Temperature Limit Registers
The THIGH and TLOW registers are used to store the temperature limit thresholds for the TMP103 watchdog
function. At the end of each temperature measurement, the TMP103 compares the temperature results to each
of these limits. If the temperature result is greater than the THIGH limit, then the FH bit in the configuration register
is set to 1. If the temperature result is less than the TLOW limit, then the FL bit in the configuration register is set
to 1; see Figure 12.
Table 8 and Table 9 describe the format for the THIGH and TLOW registers. Power-up reset values for THIGH and
TLOW are: THIGH = 60°C and TLOW = –10°C. The format of the data for THIGH and TLOW is the same as for the
Temperature Register.
Table 8. THIGH Register
D7
D6
D5
D4
D3
D2
D1
D0
H7
H6
H5
H4
H3
H2
H1
H0
Table 9. TLOW Register
D7
D6
D5
D4
D3
D2
D1
D0
L7
L6
L5
L4
L3
L2
L1
L0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com