Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP103CYFFT Datasheet(PDF) 14 Page - Texas Instruments

Part # TMP103CYFFT
Description  TMP103 Low-Power, Digital Temperature Sensor With Two-Wire Interface in WCSP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP103CYFFT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP103CYFFT Datasheet HTML 10Page - Texas Instruments TMP103CYFFT Datasheet HTML 11Page - Texas Instruments TMP103CYFFT Datasheet HTML 12Page - Texas Instruments TMP103CYFFT Datasheet HTML 13Page - Texas Instruments TMP103CYFFT Datasheet HTML 14Page - Texas Instruments TMP103CYFFT Datasheet HTML 15Page - Texas Instruments TMP103CYFFT Datasheet HTML 16Page - Texas Instruments TMP103CYFFT Datasheet HTML 17Page - Texas Instruments TMP103CYFFT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
TMP103
SBOS545D – FEBRUARY 2011 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMP103
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
7.5.7 Serial Interface
The TMP103 operates as a slave device only on the two-wire bus and SMBus. Connections to the bus are made
through the open-drain I/O lines SDA and SCL. The SDA and SCL pins feature integrated spike suppression
filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP103 supports the
transmission protocol for both fast (1 kHz to 400 kHz) and high-speed (1 kHz to 3.4 MHz) modes. All data bytes
are transmitted MSB first.
7.5.8 Serial Bus Address
To communicate with the TMP103, the master must first address slave devices through a slave address byte.
The slave address byte consists of seven address bits, and a direction bit that indicates the intent of executing a
read or write operation.
The TMP103 is available in eight versions, each with a different slave address, as shown in Table 2. These
addresses can be used as either a location or a temperature zone designator.
Table 2. Device Slave Addresses
PRODUCT
TWO-WIRE ADDRESS
TEMPERATURE ZONE
TMP103A
1110000
Zone1
TMP103B
1110001
Zone2
TMP103C
1110010
Zone3
TMP103D
1110011
Zone4
TMP103E
1110100
Zone5
TMP103F
1110101
Zone6
TMP103G
1110110
Zone7
TMP103H
1110111
Zone8
7.5.9 Writing and Reading Operation
Accessing a particular register on the TMP103 is accomplished by writing the appropriate value to the Pointer
Register. The value for the Pointer Register is the first byte transferred after the slave address byte with the R/W
bit low. Every write operation to the TMP103 requires a value for the Pointer Register (see Figure 2).
When reading from the TMP103, the last value stored in the Pointer Register by a write operation is used to
determine which register is read by a read operation. To change the register pointer for a read operation, a new
value must be written to the Pointer Register. This action is accomplished by issuing a slave address byte with
the R/W bit low, followed by the Pointer Register byte. No additional data are required. The master can then
generate a START condition and send the slave address byte with the R/W bit high to initiate the read command.
See Figure 3 for details of this sequence. If repeated reads from the same register are desired, it is not
necessary to continually send the Pointer Register bytes; the TMP103 remembers the Pointer Register value
until it is changed by the next write operation, or the TMP103 is reset.
7.5.10 Slave Mode Operations
The TMP103 can operate as a slave receiver or slave transmitter. As a slave device, the TMP103 never drives
the SCL line.
7.5.10.1 Slave Receiver Mode
The first byte transmitted by the master is the slave address, with the R/W bit low. The TMP103 then
acknowledges reception of a valid address. The next byte transmitted by the master is the Pointer Register. The
TMP103 then acknowledges reception of the Pointer Register byte. The next byte is written to the register
addressed by the Pointer Register. The TMP103 acknowledges reception of the data byte. The master can
terminate data transfer by generating a START or STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com